Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
19
3.1.2
Recommended Operating Conditions
Table 5 gives the recommended operating conditions.
3)
Table 5. Recommended Operating Conditions
Characteristic
Sym
Min1
1 These are recommended and tested operating conditions. Proper device operation outside these conditions is not guaranteed.
Typ
Max1
Unit SpecID
Supply voltage – e300 core and peripheral
logic
VDD_CORE
1.33
1.4
1.47
V
D2.1
State Retention voltage – e300 core and
peripheral logic 2
2 The State Retention voltage can be applied to V
DD_CORE after the device is placed in Deep-Sleep mode.
1.08
——
VD2.2
Supply voltage – standard I/O buffers
VDD_IO
3.0
3.3
3.6
V
D2.3
Supply voltage – memory I/O buffers (DDR)
VDD_MEM_IO_DDR
2.3
2.5
2.7
V
D2.4
Supply voltage – memory I/O buffers (DDR2,
LPDDR)
VDD_MEM_IO_DDR2
VDD_MEM_IO_LPDDR
1.7
1.8
1.9
V
D2.5
Input Reference Voltage (DDR/DDR2)
MVREF
0.49 ×
VDD_MEM_IO
0.50 ×
VDD_MEM_IO
0.51 ×
VDD_MEM_IO
VD2.6
Termination Voltage (DDR2)
MVTT
MVREF
–0.04
MVREF
MVREF
+0.04
VD2.7
Supply voltage – System APLL, System
Oscillator
SYS_PLL_AVDD
3.0
3.3
3.6
V
D2.8
Supply voltage – e300 APLL
CORE_PLL_AVDD
3.0
3.3
3.6
V
D2.9
Supply voltage – RTC (Hibernation)3
3 VBAT_RTC should not be supplied by a battery of voltage less than 3.0 V.
VBAT_RTC
3.0
3.3
3.6
V
D2.10
Supply voltage – FUSE Programming
AVDD_FUSEWR
3.3
3.6
V
D2.11
Supply voltage – SATA PHY analog and OSC
SATA_VDDA_3P3
3.0
3.3
3.6
V
D2.13
Supply voltage – SATA PHY voltage regulator
SATA_VDDA_VREG
1.7
2.6
V
D2.14
Supply voltage – SATA PHY Tx/Rx
SATA_VDDA_1P2
1.14
1.2
1.47
V
D2.15
Supply voltage – SATA PHY PLL
SATA_PLL_VDDA1P2
1.33
1.4
1.47
V
D2.16
Supply voltage – USB PHY PLL and OSC
USB_PLL_PWR3
3.0
3.3
3.6
V
D2.17
Supply voltage – USB PHY transceiver
USB_VDDA
3.0
3.3
3.6
V
D2.18
Supply voltage – USB PHY bandgap bias
USB_VDDA_BIAS
3.0
3.3
3.6
V
D2.19
Input voltage – USB PHY cable
USB_VBUS
1.4
—
3.6
V
D2.20
Input voltage – standard I/O buffers
Vin
0
—
VDD_IO
V
D2.21
Input voltage – memory I/O buffers (DDR)
VinDDR
0
—
VDD_MEM_IO
_DDR
V
D2.22
Input voltage – memory I/O buffers (DDR2)
VinDDR2
0
—
VDD_MEM_I
O_DDR2
V
D2.23
Input voltage – memory I/O buffers (LPDDR)
VinLPDDR
0
—
VDD_MEM_I
O_LPDR
V
D2.24
Ambient operating temperature range
TA
–40
—
+85
oC
D2.25
Junction operating temperature range
TJ
–40
—
+125
oC
D2.26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com