Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 20 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 20 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 24Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
20
3.1.3
DC Electrical Specifications
Table 6 gives the DC Electrical characteristics for the MPC5121e/MPC5123 at recommended operating conditions.
Table 6. DC Electrical Specifications
Characteristic
Condition
Sym
Min
Max
Unit SpecID
Input high voltage
Input type = TTL VDD_IO
VIH
0.51 × VDD_IO
—V
D3.1
Input high voltage
Input type = TTL VDD_MEM_IO_DDR
VIH
MVREF + 0.15
—
V
D3.2
Input high voltage
Input type = TTL
VDD_MEM_IO_DDR2
VIH
MVREF + 0.125
—
V
D3.3
Input high voltage
Input type =
TTL VDD_MEM_IO_LPDDR
VIH
0.7 ×
VDD_MEM_IO_LPDDR
—V
D3.4
Input high voltage
Input type = PCI VDD_IO
VIH
0.5 × VDD_IO
—V
D3.5
Input high voltage
Input type = Schmitt VDD_IO
VIH
0.65 × VDD_IO
—V
D3.6
Input high voltage
SYS_XTALI crystal mode1
Bypass mode2
CVIH
Vxtal + 0.4V
(VDD_IO/2) + 0.4V
—V
D3.7
Input high voltage
SATA_XTALI crystal mode
Bypass mode
SVIH
Vxtal + 0.4V
(VDD_IO/2) + 0.4V
—V
D3.8
Input high voltage
USB_XTALI crystal mode
Bypass mode
UVIH
Vxtal + 0.4V
(VDD_IO/2) + 0.4V
—V
D3.9
Input high voltage
RTC_XTALI crystal mode3
Bypass mode4
RVIH
(VBAT_RTC/5)
+0.5V
(VBAT_RTC/2)
+0.4V
—V
D3.10
Input low voltage
Input type = TTL VDD_IO
VIL
—0.42 × VDD_IO
V
D3.11
Input low voltage
Input type = TTL VDD_MEM_IO_DDR
VIL
—
MVREF – 0.15
V
D3.12
Input low voltage
Input type = TTL
VDD_MEM_IO_DDR2
VIL
—
MVREF – 0.125
V
D3.13
Input low voltage
Input type =
TTL VDD_MEM_IO_LPDDR
VIL
—0.3 ×
VDD_MEM_IO_LPDDR
V
D3.14
Input low voltage
Input type = PCI VDD_IO
VIL
—0.3 × VDD_IO
V
D3.15
Input low voltage
Input type = Schmitt VDD_IO
VIL
—0.35 × VDD_IO
V
D3.16
Input low voltage
SYS_XTALI crystal mode
Bypass mode
CVIL
—
Vxtal – 0.4
(VDD_IO/2) – 0.4
V
D3.17
Input low voltage
SATA_XTALI crystal mode
Bypass mode
SVIL
—
Vxtal – 0.4 V
(VDD_IO/2) – 0.4
V
D3.18
Input low voltage
USB_XTALI crystal mode
Bypass mode
UVIL
—
Vxtal – 0.4
(VDD_IO/2) – 0.4
V
D3.19
Input low voltage
RTC_XTALI crystal mode
Bypass mode
RVIL
—
(VBAT_RTC/5) – 0.5
(VBAT_RTC/2) – 0.4
V
D3.20
Input leakage current Vin = 0 or
VDD_IO/VDD_MEM_IO_DDR/2
(depending on input type)5
IIN
−2.5
2.5
µA
D3.21
Input leakage current SYS_XTALI Vin = 0 or VDD_IO
IIN
—
20
µA
D3.22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com