Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 82 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 82 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 82Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 83Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 84Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 85Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 86Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 82 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Package Information
Freescale Semiconductor
82
5
Package Information
This section details package parameters and dimensions. The MPC5121e/MPC5123 is available in a Thermally Enhanced
Plastic Ball Grid Array (TEPBGA), see Section 5.1, “Package Parameters,” and Section 5.2, “Mechanical Dimensions,” for
information on the TEPBGA.
5.1
Package Parameters
5.2
Mechanical Dimensions
Figure 64 shows the mechanical dimensions and bottom surface nomenclature of the MPC5121e/MPC5123 516 PBGA
package.
Table 53. TEPBGA Paramaters
Package outline
27 mm
× 27 mm
Interconnects
516
Pitch
1.00 mm
Module height (typical)
2.25 mm
Solder Balls
96.5 Sn/3.5Ag (VY package)
Ball diameter (typical)
0.6 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com