Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 45 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 45 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 46Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 47Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 48Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 49Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
45
3.3.9
PATA
The MPC5121e/MPC5123 ATA Controller (PATA) is completely software programmable. It can be programmed to operate
with ATA protocols using their respective timing, as described in the ANSI ATA-4 specification. The ATA interface is
completely asynchronous in nature. Signal relationships are based on specific fixed timing in terms of timing units
(nanoseconds).
ATA data setup and hold times, with respect to Read/Write strobes, are software programmable inside the ATA Controller. Data
setup and hold times are implemented using counters. The counters count the number of ATA clock cycles needed to meet the
ANSI ATA-4 timing specifications. For details, see the ANSI ATA-4 specification and how to program an ATA Controller and
ATA drive for different ATA protocols and their respective timing. See the MPC5121e Microcontroller Reference Manual.
The MPC5121e/MPC5123 ATA Host Controller design makes data available coincidentally with the active edge of the WRITE
strobe in PIO and Multiword DMA modes.
•
Write data is latched by the drive at the inactive edge of the WRITE strobe. This gives ample setup-time beyond that
required by the ATA-4 specification.
•
Data is held unchanged until the next active edge of the WRITE strobe. This gives ample hold-time beyond that
required by the ATA-4 specification.
All ATA transfers are programmed in terms of system clock cycles (IP bus clocks) in the ATA Host Controller timing registers.
This puts constraints on the ATA protocols and their respective timing modes in which the ATA Controller can communicate
with the drive.
Faster ATA modes (i.e., UDMA 0, 1, 2 ) are supported when the system is running at a sufficient frequency to provide adequate
data transfer rates. Adequate data transfer rates are a function of the following:
•
The MPC5121e/MPC5123 operating frequency (IP bus clock frequency)
•
Internal MPC5121e/MPC5123 bus latencies
•
Other system load dependent variables
tCS
NFC_WP Pulse Width
T – 1
—
ns
A8.5
tCS
NFC_ALE Setup Time
T – 1
—
ns
A8.6
tCS
NFC_ALE Hold Time
T – 1
—
ns
A8.7
tCS
Data Setup Time
T – 2
—
ns
A8.8
tCS
Data Hold Time
T – 1
—
ns
A8.9
tCS
Write Cycle Time
2T
—
ns
A8.10
tCS
NFC_WE Hold Time
T – 1
—
ns
A8.11
tCS
Ready to NFC_RE Low
5T + 2
—
ns
A8.12
tCS
NFC_RE Pulse Width
1.5T – 1
—
ns
A8.13
tCS
READ Cycle Time
2T
—
ns
A8.14
tCS
NFC_RE High Hold Time
0.5T
—
ns
A8.15
1 T is the flash clock cycle.
T = 45 ns, frequency = 22 MHz (boot configuration, IP bus = 66 MHz)
T = 36 ns, frequency = 27 MHz (maximum configurable frequency, IP bus = 83 MHz)
Table 24. NFC Timing Characteristics1 (continued)
Timing
parameter
Description
Min. value
Max. value
Unit
SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com