Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 53 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 49Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 50Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 51Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
53
3.3.9.5
UDMA Out Timing Diagrams
UDMA mode timing is more complicated than PIO mode or MDMA mode. In this section, timing diagrams for UDMA out are
given:
•
Figure 32 gives timing for UDMA out transfer start
•
Figure 33 gives timing for host terminating UDMA out transfer
•
Figure 34 gives timing for device terminating UDMA out transfer.
Table 29. Timing Parameters UDMA in Burst
ATA
Parameter
UDMA In
Timing
Parameter
Value
How to Meet
SpecID
tack
tack
tack(min) = (time_ack × T) – (tskew1 +tskew2)
calculate and
programming time_ack. 1
1 See the MPC5121e Microcontroller Reference Manual.
A9.51
tenv
tenv
tenv(min) = (time_env × T) – (tskew1 +tskew2)
tenv(max) = (time_env × T) + (tskew1 +tskew2)
calculate and
programming time_env. 1
A9.52
tds
tds1
tds –(tskew3) – ti_ds > 0
tskew3, ti_ds, ti_dh should
be low enough
A9.53
tdh
tdh1
tdh –(tskew3) – ti_dh > 0
A9.54
tcyc
tc1
(tcyc –tskew ) > T
Bus clock period T big
enough
A9.55
trp
trp
trp(min) = time_rp × T – (tskew1 +tskew2 +tskew6)
calculate and
programming time_rp. 1
A9.56
—
tx1
2
2 A special timing requirement in the ATA host requires the internal DIOW to go only high three clocks after the last active edge
on the DSTROBE signal. The equation given on this line tries to capture this constraint.
(time_rp × T) – [tco + tsu + 3T + (2 × tbuf) + (2 × tcable2)] >
trfs (drive)
calculate and
programming time_rp. 1
A9.57
tmli
tmli1
tmli1(min) = (time_mlix + 0.4) × T
calculate and
programming time_mlix. 1
A9.58
tzah
tzah
tzah(min) = (time_zah + 0.4) × T
calculate and
programming time_zah. 1
A9.59
tdzfs
tdzfs
tdzfs =(time_dzfs ×T)– (tskew1 +tskew2)
calculate and
programming time_dzfs. 1
A9.60
tcvh
tcvh
tcvh =(time_cvh ×T)– (tskew1 +tskew2)
calculate and
programming time_cvh. 1
A9.61
—
ton
toff
3
3 Make t
on and toff large enough to avoid bus contention.
ton =(time_on×T) –tskew1
toff =(time_off ×T)–tskew1
—
A9.62



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com