Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 26 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 26 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 28Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 29Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 30Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
26
There is a separate oscillator for the independent Real Time Clock (RTC) system.
The MPC5121e/MPC5123 clock generation uses two phase locked loop (PLL) blocks.
•
The system PLL (SYS_PLL) takes an external reference frequency and generates the internal system clock. The
system clock frequency is determined by the external reference frequency and the settings of the SYS_PLL
configuration.
•
The e300 core PLL (CORE_PLL) generates a master clock for all of the CPU circuitry. The e300 core clock frequency
is determined by the system clock frequency and the settings of the CORE_PLL configuration.
The USB PHY contains its own oscillator with the input USB_XTALI and an embedded PLL.
The SATA PHY contains its own oscillator with the input SATA_XTALI and an embedded PLL.
3.2.1
System Oscillator Electrical Characteristics
The system oscillator can work in oscillator mode or in bypass mode to support an external input clock as clock reference.
Figure 3. Timing Diagram—SYS_XTALI
Table 11. System Oscillator Electrical Characteristics
Characteristic
Sym
Min
Typical
Max
Unit
SpecID
SYS_XTALI frequency
fsys_xtal
15.6
33.3
35.0
MHz
O1.1
Table 12. SYS_XTALI Timing
Sym
Description
Min
Max
Units
SpecID
tCYCLE
SYS_XTALI cycle time1, 2
1 The SYS_XTALI frequency and system PLL settings must be chosen such that the resulting system frequencies do not exceed
their respective maximum or minimum operating frequencies. See the MPC5121e Microcontroller Reference Manual.
2 The MIN/Max cycle times are calculated using 1/f
sys_xtal (MIN/MAX) where the fsys_xtal (MIN/MAX) (15.6/35 MHz) are taken from
Table 11.
64.1
28.57
ns
O.1.2
tRISE
SYS_XTALI rise time3
3 Rise time is measured from 20% of vdd to 80% of V
DD.
1
4
ns
O.1.3
tFALL
SYS_XTALI fall time4
4 Fall time is measured from 20% of vdd to 80% of V
DD.
1
4
ns
O.1.4
tDUTY
SYS_XTALI duty cycle5
5 SYS_XTALI duty cycle is measured at V
M.
40
60
%
O.1.5
tFALL
tRISE
tCYCLE
SYS_XTALI CLK
tDUTY
tDUTY
CVIH
CVIL
VM
VM
VM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com