Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
57
Figure 35. Ethernet Timing Diagram – MII Rx Signal
Figure 36. Ethernet Timing Diagram – MII Tx Signal
Figure 37. Ethernet Timing Diagram – MII Async
Table 32. MII Tx Signal Timing
Sym
Description
Min
Max
Unit
SpecID
5
TX_CLK rising edge to TXD[3:0], TX_EN, TX_ER
invalid
3
—
ns
A11.5
6
TX_CLK rising edge to TXD[3:0], TX_EN, TX_ER valid
—
25
ns
A11.6
7
TX_CLK pulse width high
35%
65%
TX_CLK Period1
1 The TX_CLK frequency shall be 25% of the nominal transmit frequency, e.g., a PHY operating at 100 Mb/s must provide
a TX_CLK frequency of 25 MHz and a PHY operating at 10 Mb/s must provide a TX_CLK frequency of 2.5 MHz. See
the IEEE 802.3 Specification.
A11.7
8
TX_CLK pulse width low
35%
65%
TX_CLK Period1
A11.8
Table 33. MII Async Signal Timing
Sym
Description
Min
Max
Unit
SpecID
9
CRS, COL minimum pulse width
1.5
—
TX_CLK Period
A11.9
RX_CLK (Input)
RXD[3:0] (inputs)
RX_DV
RX_ER
1
2
3
4
TX_CLK (Input)
TXD[3:0] (Outputs)
TX_EN
TX_ER
5
6
7
8
CRS, COL
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com