Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 78 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 78 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 79Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 80Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 81Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 82Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
System Design Information
Freescale Semiconductor
78
4.4.2
Pull-Up Requirements for the PCI Control Lines
PCI control signals always require pull-up resistors on the motherboard (not the expansion board) to ensure that they contain
stable values when no agent is actively driving the bus. This includes PCI_FRAME, PCI_TRDY, PCI_IRDY, PCI_DEVSEL,
PCI_STOP, PCI_SERR, PCI_PERR, and PCI_REQ.
Refer to the PCI Local Bus specification.
4.5
JTAG
The MPC5121e/MPC5123 provides you with an IEEE 1149.1 JTAG interface to facilitate board/system testing. It also provides
a Common On-Chip Processor (COP) Interface, which shares the IEEE 1149.1 JTAG port.
The COP Interface provides access to the MPC5121e/MPC5123’s embedded e300 processor and to other on-chip resources.
This interface provides a means for executing test routines and for performing software development and debug functions.
4.5.1
TRST
Boundary scan testing is enabled through the JTAG interface signals. The TRST signal is optional in the IEEE 1149.1
specification but is provided on all processors that implement the Power Architecture. To obtain a reliable power-on reset
performance, the TRST signal must be asserted during power-on reset.
4.5.1.1
TRST and PORESET
The JTAG interface can control the direction of the MPC5121e/MPC5123 I/O pads via the boundary scan chain. The JTAG
module must be reset before the MPC5121e/MPC5123 comes out of power-on reset; do this by asserting TRST before
PORESET is released.
For more details refer to the Reset and JTAG Timing Specification.
Figure 61. PORESET vs. TRST
4.5.2
e300 COP/BDM Interface
There are two possibilities to connect the JTAG interface: using it with a COP connector and without a COP connector.
4.5.2.1
Boards Interfacing the JTAG Port via a COP Connector
The MPC5121e/MPC5123 functional pin interface and internal logic provides access to the embedded e300 processor core
through the Freescale standard COP/BDM interface. Table 52 gives the COP/BDM interface signals. The pin order shown
reflects only the COP/BDM connector order.
TRST
PORESET
Required assertion of TRST
Optional assertion of TRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com