Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 58 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 58 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 60Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 61Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 62Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
58
Figure 38. Ethernet Timing Diagram – MII Serial Management
Table 34. MII Serial Management Channel Signal Timing
Sym
Description
Min
Max
Unit
SpecID
10
MDC falling edge to MDIO output delay
0
25
ns
A11.10
11
MDIO (input) to MDC rising edge setup
10
—
ns
A11.11
12
MDIO (input) to MDC rising edge hold
0
—
ns
A11.12
13
MDC pulse width high1
1 MDC is generated by MPC5121e/MPC5123 with a duty cycle of 50% except when MII_SPEED in the FEC
MII_SPEED control register is changed during operation. See the MPC5121e/MPC5123 Reference Manual.
160
—
ns
A11.13
14
MDC pulse width low1
160
—
ns
A11.14
15
MDC period2
2 The MDC period must be set to a value of less than or equal to 2.5 MHz (to be compliant with the IEEE MII
characteristic) by programming the FEC MII_SPEED control register. See the MPC5121e/MPC5123 Reference
Manual.
400
—
ns
A11.15
MDC (Output)
MDIO (Input)
MDIO (Output)
10
11
12
13
14
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com