Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 56 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 56 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 52Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 53Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 54Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 55Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 56Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 57Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 58Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 59Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 60Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 86 page
background image
MPC5121E/MPC5123 Data Sheet, Rev. 4
Electrical and Thermal Characteristics
Freescale Semiconductor
56
3.3.10
SATA PHY
1.5 Gbps SATA PHY Layer
See “Serial ATA: High Speed Serialized AT Attachment” Revision 1.0a, 7-January-2003.
3.3.11
FEC
AC Test Timing Conditions:
•
Output Loading
All Outputs: 25 pF
—
tdzfs
tdzfs = time_dzfs × T – (tskew1)
calculate and
programming
time_dzfs. 1
A9.70
tss
tss
tss = time_ss × T – (tskew1 +tskew2)
calculate and
programming time_ss. 1
A9.71
tmli
tdzfs_mli
tdzfs_mli = max(time_dzfs, time_mli) × T –
(tskew1 +tskew2)
—
A9.72
tli
tli1
tli1 > 0
—
A9.73
tli
tli2
tli2 > 0
—
A9.74
tli
tli3
tli3 > 0
—
A9.75
tcvh
tcvh
tcvh = (time_cvh × T) – (tskew1 +tskew2)
calculate and
programming
time_cvh. 1
A9.76
—
ton
toff
ton = time_on × T – tskew1
toff = time_off × T – tskew1
—
A9.77
1 See the MPC5121e Microcontroller Reference Manual.
Table 31. MII Rx Signal Timing
Sym
Description
Min
Max
Unit
SpecID
1
RXD[3:0], RX_DV, RX_ER to RX_CLK setup
5
—
ns
A11.1
2
RX_CLK to RXD[3:0], RX_DV, RX_ER hold
5
—
ns
A11.2
3
RX_CLK pulse width high
35%
65%
RX_CLK Period1
1 RX_CLK shall have a frequency of 25% of data rate of the received signal. See the IEEE 802.3 Specification.
A11.3
4
RX_CLK pulse width low
35%
65%
RX_CLK Period1
A11.4
Table 30. Timing Parameters UDMA Out Burst (continued)
ATA
Parameter
UDMA Out
Timing
Parameter
Value
How to meet
SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com