Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  MPC5123 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 86 page
background image
Ordering Information
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
3
Figure 1. Simplified MPC5121e/MPC5123 Block Diagram
1
Ordering Information
Table 1. MPC5121e Orderable Part Numbers
Freescale Part Number
Speed (MHz)
Temperature
(ambient)
Qualification
Package
Availability
MPC5121VY400B
400
0 oC to 70 oC
Consumer
RoHS and Pb-free
Tray
MPC5121VY400BR
400
0 oC to 70 oC
Consumer
RoHS and Pb-free
Tape and Reel
MPC5121YVY400B
400
–40 oC to 85 oC
Industrial
RoHS and Pb-free
Tray
MPC5121YVY400BR
400
–40 oC to 85 oC
Industrial
RoHS and Pb-free
Tape and Reel
SPC5121YVY400B
400
–40 oC to 85 oC
Automotive—AEC
RoHS and Pb-free
Tray
SPC5121YVY400BR
400
–40 oC to 85 oC
Automotive—AEC
RoHS and Pb-free
Tape and Reel
Table 2. MPC5123 Orderable Part Numbers
Freescale Part Number
Speed (MHz)
Temperature
(ambient)
Qualification
Package
Availability
MPC5123VY400B
400
0 oC to 70 oC
Consumer
RoHS and Pb-free
Tray
MPC5123VY400BR
400
0 oC to 70 oC
Consumer
RoHS and Pb-free
Tape and Reel
MPC5123YVY400B
400
–40 oC to 85 oC
Industrial
RoHS and Pb-free
Tray
83 MHz (max) IP Bus
Display
DDR1/DDR2 Memory
Functionally
Multiplexed I/O
LPC
NFC
PATA
AXE
Engine
8KB
DIU
Multi-Port
Memory Controller
MBX Lite
Graphics Engine with
Vector Processing
FEC
USB2
+ PHY
USB2
ULPI
SATA
+ PHY
PCI
Temp
Fuse
128 KB
SRAM
DMA
64-Channel
e300
Power Architecture
32 KB Instruction Cache
32 KB Data Cache
RESET/
JTAG/COP
CLOCK
Instruc-
VIU
not available in MPC5123
tion
Cache



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com