Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 37 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
37
t14
Write Burst ACK assertion after CS[x]
assertion
(2.5 +WS) ×tLPCck –tOD
(2.5 +WS) ×tLPCck +tOD
ns
A7.15
t15
Write Burst DATA valid
tLPCck –tOD
—
ns
A7.16
t16
Non-MUXed Mode: asynchronous write
Burst ADDR valid before write DATA
valid
0.5 × tLPCck –tOD
0.5 × tLPCck +tOD
ns
A7.17
t17
MUXed Mode: ADDR cycle
AL × 2 × tLPCck –tOD
AL ×2×tLPCck
ns
A7.18
t18
MUXed Mode: ALE cycle
AL × tLPCck
AL × tLPCck
ns
A7.19
t19
Non-MUXed Mode Page Burst: ADDR
cycle
tLPCck –tOD
tLPCck
ns
A7.20
t20
Non-MUXed Mode Page Burst: Burst
DATA (rd) input setup before next ADDR
cycle
tOD +t6
—
ns
A7.21
t21
Non-MUXed Mode Page Burst: Burst
DATA (rd) input hold after next ADDR
cycle
0
—
ns
A7.22
t22
MUXed Mode: non-Burst CS[x] pulse
width
(ALT ×(AL ×2)+2+WS)
×tLPCck
(ALT × (AL × 2) + 2 + WS)
×tLPCck
ns
A7.23
t23
MUXed Mode: read Burst CS[x] pulse
width
[ALT (AL× 2) +2+WS
+ BBT/DS] × tLPCck
[ALT ×(AL ×2)+2+WS
+BBT/DS] × tLPCck
ns
A7.24
t24
MUXed Mode: write Burst CS[x] pulse
width
[ALT × (AL × 2) + 2.5 + WS
+ BBT/DS] × tLPCck
[ALT ×(AL ×2)+2.5+WS
+BBT/DS] × tLPCck
ns
A7.25
Table 23. LPC Timing (continued)
Sym
Description
Min
Max
Units
SpecID



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com