Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 15 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 15 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 19Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
Pin Assignments
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
15
USB_UID
E19
Analog Input
—
—
USB digital IOs (2 Total)
USB2_VBUS_PWR_FA
ULT
B21
General IO
VDD_IO
—
USB2_DRVVBUS
A21
General IO
VDD_IO
—
SATA PHY without Power and Ground Supplies (7 Total)
SATA_XTALI
C3
Analog Input
SATA_VDDA_3P3
Oscillator Input
SATA_XTALO
C2
Analog Output
SATA_VDDA_3P3
Oscillator Output
SATA_ANAVIZ
E5
Analog Output
—
SATA PHY debug
output
SATA_TXN
E1
Analog Output
SATA_VDDA_1P2
—
SATA_TXP
F1
Analog Output
SATA_VDDA_1P2
—
SATA_RXP
A5
Analog Input
SATA_VDDA_1P2
—
SATA_RXN
A4
Analog Input
SATA_VDDA_1P2
—
Power and Ground Supplies (without SATA PHY and USB PHY)
VDD_CORE
K10, K11, K12, K13,
K14, K15, K16, K17,
L10, L17, M10, M17,
N10, N17, P10, P17,
R10, R17, T10, T17,
U10, U11, U12, U13,
U14, U15, U16, U17
Power
—
—
VDD_IO
B10, B15, B25, D9,
D10, D15, F11, F13,
F14, F19, F23, F25,
H21, J5, K2, K4, L23,
L25, N6, N21, P6,
P21, R2, R4, T23,
T25, W6, W21, Y2,
Y4, AA23, AA25, AE1,
AE2, AE24, AE25,
AF2, AF25
Power
—
—
VDD_MEM_IO
AA8, AA13, AA14,
AB18, AC5, AC10,
AC14, AC20, AD9,
AE5, AE10, AE15,
AE20
Power
—
—
Table 3. MPC5121e/MPC5123 TE-PBGA Pinout Listing (Sheet 10 of 12)
Signal
Package Pin Number
Pad Type
Power Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com