Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 75 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 75 Page - Freescale Semiconductor, Inc

Back Button MPC5123 Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 74Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 75Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 76Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 77Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 78Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 79Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 86 page
background image
Electrical and Thermal Characteristics
MPC5121E/MPC5123 Data Sheet, Rev. 4
Freescale Semiconductor
75
3.3.24
VIU
The Video Input Unit (VIU) is an interface which accepts the ITU656 format compatible video stream.
Figure 57 shows the VIU interface timing and Table 51 lists the timing parameters.
Figure 57. VIU Interface Timing Diagram
Table 51. VIU Interface Timing Parameters
Parameter
Description
Min
Typ
Max
Unit
SpecID
fPIX_CK
VIU Pixel Clock Frequency
—
—
83
MHz
A24.1
tDSU
VIU Data Setup Time
2.5
—
—
ns
A24.2
tDHD
VIU Data Hold Time
2.5
—
—
ns
A24.3
fPIX_CLK
tDHD
tDSU
VIU_PIX_CLK
VIU_DATA[9:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com