Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPC5123 Datasheet(PDF) 1 Page - Freescale Semiconductor, Inc

Part # MPC5123
Description  e300 Power Architecture processor core
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5123 Datasheet(HTML) 1 Page - Freescale Semiconductor, Inc

  MPC5123 Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5123 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 86 page
background image
Freescale Semiconductor
Data Sheet: Technical Data
Document Number: MPC5121E
Rev. 4, 01/2010
© Freescale Semiconductor, Inc., 2010. All rights reserved.
This document contains information on a product under development. Freescale reserves the
right to change or discontinue this product without notice.
MPC5121E/MPC5123
516 TEPBGA
27 mm x 27 mm
The MPC5121e/MPC5123 integrates a high performance
e300 CPU core based on the Power Architecture Technology
with a rich set of peripheral functions focused on
communications and systems integration.
Major features of the MPC5121e/MPC5123 are:
• e300 Power Architecture processor core
• Power modes include doze, nap, sleep, deep sleep, and
hibernate
• AXE – Auxiliary Execution Engine
• MBX Lite – 2D/3D graphics engine (not available in
MPC5123)
• DIU – Display interface unit
• DDR1, DDR2, and LPDDR/mobile-DDR SDRAM
memory controller
• MEM – 128 Kbyte on-chip SRAM
• USB 2.0 OTG controller with integrated physical layer
(PHY)
• DMA subsystem
• EMB – Flexible multi-function external memory bus
interface
• NFC – NAND flash controller
• LPC – LocalPlus interface
• 10/100Base Ethernet
• PCI interface, version 2.3
• PATA – Parallel ATA integrated development environment
(IDE) controller
• SATA – Serial ATA controller with integrated physical
layer (PHY)
• SDHC – MMC/SD/SDIO card host controller
• PSC – Programmable serial controller
•I2C – inter-integrated circuit communication interfaces
• S/PDIF – Serial audio interface
• CAN – Controller area network
• BDLC – J1850 interface
• VIU – Video Input, ITU-656 compliant
• RTC – On-Chip real-time clock
• On-chip temperature sensor
• IIM – IC Identification module
Figure 1 shows a simplified MPC5121e/MPC5123 block
diagram.
MPC5121E/MPC5123
Data Sheet


Similar Part No. - MPC5123

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPC5123VY300B FREESCALE-MPC5123VY300B Datasheet
1Mb / 86P
Advance Information
MPC5123VY300BR FREESCALE-MPC5123VY300BR Datasheet
1Mb / 86P
Advance Information
MPC5123VY400B FREESCALE-MPC5123VY400B Datasheet
1Mb / 86P
Advance Information
MPC5123VY400BR FREESCALE-MPC5123VY400BR Datasheet
1Mb / 86P
Advance Information
MPC5123YVY300B FREESCALE-MPC5123YVY300B Datasheet
1Mb / 86P
Advance Information
More results

Similar Description - MPC5123

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL6211 INTERSIL-ISL6211 Datasheet
257Kb / 16P
Crusoe??Processor Core-Voltage Regulator
November 2001
logo
Texas Instruments
OMAP5910 TI-OMAP5910 Datasheet
1Mb / 166P
DUAL-CORE PROCESSOR
logo
List of Unclassifed Man...
FAS216 ETC1-FAS216 Datasheet
49Kb / 8P
Fast Architecture SCSI Processor
logo
Freescale Semiconductor...
TWR-PXS2010 FREESCALE-TWR-PXS2010 Datasheet
751Kb / 8P
Dual Core Power Architecture MCU for Industrial Control and Safety Applications
logo
Texas Instruments
OMAP3530ECUS TI1-OMAP3530ECUS Datasheet
3Mb / 264P
OMAP3530/25 Applications Processor: OMAP 3 Architecture
logo
Freescale Semiconductor...
CWH-CTP-COP-YE FREESCALE-CWH-CTP-COP-YE Datasheet
131Kb / 1P
Power Architecture processor ( COP ) Probe Tips for CodeWarrior TAP
logo
Texas Instruments
OMAP5910JGDY2 TI1-OMAP5910JGDY2 Datasheet
2Mb / 171P
Dual-Core Processor
logo
Intel Corporation
STCK1A8LFC INTEL-STCK1A8LFC Datasheet
312Kb / 4P
Quad-core Intel짰 Atom??processor
logo
STMicroelectronics
STM32 STMICROELECTRONICS-STM32_V01 Datasheet
140Kb / 6P
Leading-edge architecture with Cortex-M3 core
12-Dec-2014
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com