Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 152 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 152 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 148Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 149Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 150Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 151Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 152Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 153Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 154Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 155Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 156Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 458 page
background image
Chapter 7 Central Processor Unit (S08CPUV5)
MC9S08DZ128 Series Data Sheet, Rev. 1
152
Freescale Semiconductor
The RTC instruction is used to terminate subroutines invoked by a CALL instruction. RTC unstacks the
PPAGE value and the return address, the queue is refilled, and execution resumes with the next instruction
after the corresponding CALL.
The actual sequence of operations that occur during execution of RTC is:
1. The return value of the 8-bit PPAGE register is pulled from the stack.
2. The 16-bit return address is pulled from the stack and loaded into the PC.
3. The return PPAGE value is written to the PPAGE register.
4. The queue is refilled and execution begins at the new address.
Since the return operation is implemented as a single uninterruptable CPU instruction, the RTC can be
executed from anywhere in memory, including from a different page of extended memory in the overlay
window.
The CALL and RTC instructions behave like JSR and RTS, except they have slightly longer execution
times. Since extra execution cycles are required, routinely substituting CALL/RTC for JSR/RTS is not
recommended. JSR and RTS can be used to access subroutines that are located outside the program overlay
window or on the same memory page. However, if a subroutine can be called from other pages, it must be
terminated with an RTC. In this case, since RTC unstacks the PPAGE value as well as the return address,
all accesses to the subroutine, even those made from the same page, must use CALL instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com