Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC9S08DZ96F2CLL Datasheet(PDF) 155 Page - Freescale Semiconductor, Inc

Part # MC9S08DZ96F2CLL
Description  Microcontrollers
PDF  458 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC9S08DZ96F2CLL Datasheet(HTML) 155 Page - Freescale Semiconductor, Inc

Back Button MC9S08DZ96F2CLL Datasheet HTML 151Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 152Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 153Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 154Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 155Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 156Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 157Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 158Page - Freescale Semiconductor, Inc MC9S08DZ96F2CLL Datasheet HTML 159Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 458 page
background image
Chapter 7 Central Processor Unit (S08CPUV5)
MC9S08DZ128 Series Data Sheet, Rev. 1
Freescale Semiconductor
155
BPL rel
Branch if Plus (if N = 0)
REL
2A rr
3
ppp
–11–
––––
BRA rel
Branch Always (if I = 1)
REL
20 rr
3
ppp
–11–
––––
BRCLR n,opr8a,rel
Branch if Bit n in Memory Clear (if (Mn) = 0)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
01
03
05
07
09
0B
0D
0F
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
–11–
–––
↕
BRN rel
Branch Never (if I = 0)
REL
21 rr
3
ppp
–11–
––––
BRSET n,opr8a,rel
Branch if Bit n in Memory Set (if (Mn) = 1)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
00
02
04
06
08
0A
0C
0E
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
dd rr
5
5
5
5
5
5
5
5
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
rpppp
–11–
–––
↕
BSET n,opr8a
Set Bit n in Memory (Mn
← 1)
DIR (b0)
DIR (b1)
DIR (b2)
DIR (b3)
DIR (b4)
DIR (b5)
DIR (b6)
DIR (b7)
10
12
14
16
18
1A
1C
1E
dd
dd
dd
dd
dd
dd
dd
dd
5
5
5
5
5
5
5
5
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
rfwpp
–11–
––––
BSR rel
Branch to Subroutine
PC
← (PC) + $0002
push (PCL); SP
← (SP) – $0001
push (PCH); SP
← (SP) – $0001
PC
← (PC) + rel
REL
AD rr
5
ssppp
–11–
––––
CALL page, opr16a
Call Subroutine
EXT
AC pg hhll
8
ppsssppp
–11–
––––
CBEQ opr8a,rel
CBEQA #opr8i,rel
CBEQX #opr8i,rel
CBEQ oprx8,X+,rel
CBEQ ,X+,rel
CBEQ oprx8,SP,rel
Compare and...
Branch if (A) = (M)
Branch if (A) = (M)
Branch if (X) = (M)
Branch if (A) = (M)
Branch if (A) = (M)
Branch if (A) = (M)
DIR
IMM
IMM
IX1+
IX+
SP1
31
41
51
61
71
9E 61
dd rr
ii rr
ii rr
ff rr
rr
ff rr
5
4
4
5
5
6
rpppp
pppp
pppp
rpppp
rfppp
prpppp
–11–
––––
CLC
Clear Carry Bit (C
← 0)
INH
98
1
p
–11–
–––0
CLI
Clear Interrupt Mask Bit (I
← 0)
INH
9A
1
p
–11–
0–––
CLR opr8a
CLRA
CLRX
CLRH
CLR oprx8,X
CLR ,X
CLR oprx8,SP
Clear
M
← $00
A
← $00
X
← $00
H
← $00
M
← $00
M
← $00
M
← $00
DIR
INH
INH
INH
IX1
IX
SP1
3F
4F
5F
8C
6F
7F
9E 6F
dd
ff
ff
5
1
1
1
5
4
6
rfwpp
p
p
p
rfwpp
rfwp
prfwpp
011–
–01–
Table 7-2. Instruction Set Summary (Sheet 3 of 9)
Source
Form
Operation
Object Code
Cyc-by-Cyc
Details
Affect
on CCR
V 1 1 H
I N Z C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com