Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 135 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 135 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 131Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 132Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 133Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 134Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 135Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 136Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 137Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 138Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 139Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 240 page
background image
EM351 / EM357
Select the active input for TIMx_CCR2by writing the TIM_CC2S bits to 10 in the TIMx_CCMR1 register (TI1
selected).
Select the active polarity for TI1FP2 (used for capture in the TIMx_CCR2) by writing the TIM_CC2P bit to 1
(active on falling edge).
Select the valid trigger input by writing the TIM_TS bits to 101 in the TIMx_SMCR register (TI1FP1
selected).
Configure the slave mode controller in reset mode by writing the TIM_SMS bits to 100 in the TIMx_SMCR
register.
Enable the captures by writing the TIM_CC1E and TIM_CC2E bits to 1 in the TIMx_CCER register.
Figure 9-20 illustrates this example.
Figure 9-20. PWM Input Mode Timing
9.3.7
Forced Output Mode
In output mode (CCyS bits = 00 in the TIMx_CCMR1 register), software can force each output compare signal
(OCyREF and then OCy) to an active or inactive level independently of any comparison between the output
compare register and the counter.
To force an output compare signal (OCyREF/OCy) to its active level, write 101 in the TIM_OCyM bits in the
corresponding TIMx_CCMR1 register. OCyREF is forced high (OCyREF is always active high) and OCy gets the
opposite value to the TIM_CCyP polarity bit. For example, TIM_CCyP = 0 defines OCy as active high, so when
OCyREF is active, OCy is also set to a high level.
The OCyREF signal can be forced low by writing the TIM_OCyM bits to 100 in the TIMx_CCMR1 register.
The comparison between the TIMx_CCRy shadow register and the counter is still performed and allows the
INT_TIMxCCRyIF flag to be set. Interrupt requests can be sent accordingly. This is described in the output
compare mode section.
9.3.8
Output Compare Mode
This mode is used to control an output waveform or to indicate when a period of time has elapsed.
When a match is found between the capture/compare register and the counter, the output compare function:
Assigns the corresponding output pin to a programmable value defined by the output compare mode (the
TIM_OCyM bits in the TIMx_CCMR1 register) and the output polarity (the TIM_CCyP bit in the TIMx_CCER
register). The output can be frozen (TIM_OCyM = 000), be set active (TIM_OCyM = 001), be set inactive
(TIM_OCyM = 010), or can toggle (TIM_OCyM = 011) on the match.
9-15
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com