Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 132 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 132 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 128Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 129Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 130Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 131Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 132Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 133Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 134Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 135Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 136Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 240 page
background image
EM351 / EM357
Figure 9-16. Control Circuit in External Clock Mode 2
9.3.4
Capture/Compare Channels
Each capture/compare channel is built around a capture/compare register including a shadow register, an
input stage for capture with digital filter, multiplexing and prescaler, and an output stage with comparator
and output control.
Figure 9-17 gives an overview of the input stage of one capture/compare channel. The input stage samples the
corresponding TIy input to generate a filtered signal (TIyF). Then an edge detector with polarity selection
generates a signal (TIyFPy) which can be used either as trigger input by the slave mode controller or as the
capture command. It is prescaled before the capture register (ICyPS).
Figure 9-17. Capture/Compare Channel (Example: Channel 1 Input Stage)
The output stage generates an intermediate reference signal, OCyREF, which is only used internally. OCyREF is
always active high, but it may be inverted to create the output signal, OCy, that controls a GPIO output.
Figure 9-18 shows the basic elements of a capture/compare channel.
9-12
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com