Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 129 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 129 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 125Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 126Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 127Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 128Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 129Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 130Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 131Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 132Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 133Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 240 page
background image
EM351 / EM357
Figure 9-11. Counter Timing Diagram, Update Event with TIM_ARBE = 1 (counter overflow)
9.3.3
Clock Selection
The counter clock can be provided by the following clock sources:
Internal clock (PCLK)
External clock mode 1: external input pin (TIy)
External clock mode 2: external trigger input (ETR)
Internal trigger input (ITR0): using the other timer as prescaler. Refer to the section Using One Timer as
Prescaler for the Other Timer for more details.
9.3.3.1
Internal Clock Source (CK_INT)
The internal clock is selected when the slave mode controller is disabled (TIM_SMS = 000 in the TIMx_SMCR
register). In this mode, the TIM_CEN, TIM_DIR (in the TIMx_CR1 register), and TIM_UG bits (in the TIMx_EGR
register) are actual control bits and can be changed only by software, except for TIM_UG, which remains
cleared automatically. As soon as the TIM_CEN bit is written to 1, the prescaler is clocked by the internal
clock CK_INT.
Figure 9-12 shows the behavior of the control circuit and the up-counter in normal mode, without prescaling.
Figure 9-12. Control Circuit in Normal Mode, Internal Clock Divided by 1
9.3.3.2
External Clock Source Mode 1
This mode is selected when TIM_SMS = 111 in the TIMx_SMCR register. The counter can count at each rising or
falling edge on a selected input. Figure 9-13 shows the registers and signals used in the example that follows.
9-9
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com