Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 158 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 158 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 154Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 155Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 156Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 157Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 158Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 159Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 160Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 161Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 162Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 240 page
background image
EM351 / EM357
9-38
120-035X-000D
Preliminary
Bitname
Bitfield
Access
Description
TIM_OC2FE
[10]
RW
Output Compare 2 Fast Enable. (Applies only if TIM_CC2S = 0.)
This bit speeds the effect of an event on the trigger in input on the OC2 output.
0: OC2 behaves normally depending on the counter and TIM_CCR2 values even when the
trigger is ON. The minimum delay to activate OC2 when an edge occurs on the trigger
input is 5 clock cycles.
1: An active edge on the trigger input acts like a compare match on the OC2 output. OC2
is set to the compare level independently from the result of the comparison. Delay to
sample the trigger input and to activate OC2 output is reduced to 3 clock cycles.
TIM_OC2FE acts only if the channel is configured in PWM 1 or PWM 2 mode.
TIM_IC2F
[15:12]
RW
Input Capture 1 Filter. (Applies only if TIM_CC2S > 0.)
This defines the frequency used to sample the TI2 input, Fsampling, and the length of the
digital filter applied to TI2. The digital filter requires N consecutive samples in the same
state before being output.
0000: Fsampling=PCLK, no filtering.
0001: Fsampling=PCLK, N=2.
0010: Fsampling=PCLK, N=4.
0011: Fsampling=PCLK, N=8.
0100: Fsampling=PCLK/2, N=6.
0101: Fsampling=PCLK/2, N=8.
0110: Fsampling=PCLK/4, N=6.
0111: Fsampling=PCLK/4, N=8.
1000: Fsampling=PCLK/8, N=6.
1001: Fsampling=PCLK/8, N=8.
1010: Fsampling=PCLK/16, N=5.
1011: Fsampling=PCLK/16, N=6.
1100: Fsampling=PCLK/16, N=8.
1101: Fsampling=PCLK/32, N=5.
1110: Fsampling=PCLK/32, N=6.
1111: Fsampling=PCLK/32, N=8.
Note: PCLK is 12 MHz when using the 24 MHz crystal oscillator, and 6 MHz using the 12 MHz
RC oscillator.
TIM_IC2PSC
[11:10]
RW
Input Capture 1 Prescaler. (Applies only if TIM_CC2S > 0.)
00: No prescaling, capture each time an edge is detected on the capture input.
01: Capture once every 2 events.
10: Capture once every 4 events.
11: Capture once every 6 events.
TIM_CC2S
[9:8]
RW
Capture / Compare 1 Selection.
This configures the channel as an output or an input. If an input, it selects the input
source.
00: Channel is an output.
01: Channel is an input and is mapped to TI2.
10: Channel is an input and is mapped to TI1.
11: Channel is an input and is mapped to TRGI. This mode requires an internal trigger
input selected by the TIM_TS bit in the TIMx_SMCR register.
Note: TIM_CC2S may be written only when the channel is off (TIM_CC2E = 0 in the
TIMx_CCER register).
TIM_OC1M
[6:4]
RW
Output Compare 1 Mode. (Applies only if TIM_CC1S = 0.)
See TIM_OC2M description above.
TIM_OC1BE
[3
RW
Output Compare 1 Buffer Enable. (Applies only if TIM_CC1S = 0.)
See TIM_OC2BE description above.
TIM_OC1FE
[2]
RW
Output Compare 1 Fast Enable. (Applies only if TIM_CC1S = 0.)
See TIM_OC2FE description above.
TIM_IC1F
[7:4]
RW
Input Capture 1 Filter. (Applies only if TIM_CC1S > 0.)
See TIM_IC2F description above.
TIM_IC1PSC
[3:2]
RW
Input Capture 1 Prescaler. (Applies only if TIM_CC1S > 0.)
See TIM_IC2PSC description above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com