Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 155 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 155 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 151Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 152Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 153Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 154Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 155Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 156Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 157Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 158Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 159Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 240 page
background image
EM351 / EM357
9-35
120-035X-000D
Preliminary
Bitname
Bitfield
Access
Description
TIM_ETF
[11:8]
RW
External Trigger Filter.
This defines the frequency used to sample the ETRP signal, Fsampling, and the length of
the digital filter applied to ETRP. The digital filter is made of an event counter in which N
events are needed to validate a transition on the output:
0000: Fsampling=PCLK, no filtering.
0001: Fsampling=PCLK, N=2.
0010: Fsampling=PCLK, N=4.
0011: Fsampling=PCLK, N=8.
0100: Fsampling=PCLK/2, N=6.
0101: Fsampling=PCLK/2, N=8.
0110: Fsampling=PCLK/4, N=6.
0111: Fsampling=PCLK/4, N=8.
1000: Fsampling=PCLK/8, N=6.
1001: Fsampling=PCLK/8, N=8.
1010: Fsampling=PCLK/16, N=5.
1011: Fsampling=PCLK/16, N=6.
1100: Fsampling=PCLK/16, N=8.
1101: Fsampling=PCLK/32, N=5.
1110: Fsampling=PCLK/32, N=6.
1111: Fsampling=PCLK/32, N=8.
Note: PCLK is 12 MHz when the EM35x is using the 24 MHz crystal oscillator, and 6 MHz if
using the 12 MHz RC oscillator.
TIM_MSM
[7]
RW
Master/Slave Mode.
0: No action.
1: The effect of an event on the trigger input (TRGI) is delayed to allow exact
synchronization between the current timer and the slave (through TRGO). It is useful for
synchronizing timers on a single external event.
TIM_TS
[6:4]
RW
Trigger Selection.
This bit field selects the trigger input used to synchronize the counter.
000 : Internal Trigger 0 (ITR0).
100 : TI1 Edge Detector (TI1F_ED).
101 : Filtered Timer Input 1 (TI1FP1).
110 : Filtered Timer Input 2 (TI2FP2).
111 : External Trigger input (ETRF).
Note: These bits must be changed only when they are not used (when TIM_SMS=000) to
avoid detecting spurious edges during the transition.
TIM_SMS
[2:0]
RW
Slave Mode Selection.
When external signals are selected the active edge of the trigger signal (TRGI) is linked to
the polarity selected on the external input.
000: Slave mode disabled.
If TIM_CEN = 1 then the prescaler is clocked directly by the internal clock.
001: Encoder mode 1. Counter counts up/down on TI1FP1 edge depending on TI2FP2
level.
010: Encoder mode 2. Counter counts up/down on TI2FP2 edge depending on TI1FP1
level.
011: Encoder mode 3. Counter counts up/down on both TI1FP1 and TI2FP2 edges
depending on the level of the other input.
100: Reset Mode. Rising edge of the selected trigger signal (TRGI) >reinitializes the
counter and generates an update of the registers.
101: Gated Mode. The counter clock is enabled when the trigger signal (TRGI) is high. The
counter stops (but is not reset) as soon as the trigger becomes low. Both starting and
stopping the counter are controlled.
110: Trigger Mode. The counter starts at a rising edge of the trigger TRGI (but it is not
reset). Only starting the counter is controlled.
111: External Clock Mode 1. Rising edges of the selected trigger (TRGI) clock the counter.
Note: Gated mode must not be used if TI1F_ED is selected as the trigger input
(TIM_TS=100). TI1F_ED outputs 1 pulse for each transition on TI1F, whereas gated mode
checks the level of the trigger signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com