Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 213 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 213 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 209Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 210Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 211Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 212Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 213Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 214Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 215Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 216Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 217Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 213 / 240 page
background image
EM351 / EM357
12 Trace Port Interface Unit (TPIU)
The EM35x integrates the standard ARM® Trace Port Interface Unit (TPIU). The TPIU receives a data stream
from the on-chip trace data generated by the standard ARM® Instrument Trace Macrocell (ITM), buffers the
data in a FIFO, formats the data, and serializes the data to be sent off chip through alternate functions of the
GPIO. Since the primary function of the TPIU is to provide a bridge between on-chip ARM system debug
components and external GPIO, the TPIU itself does not generate data. Figure 12-1 illustrates the three
primary components of the TPIU.
Figure 12-1. TPIU Block Diagram
The TPIU is comprised of:
Asynchronous FIFO: The asynchronous FIFO receives a data stream generated by the ITM and enables the
trace data to be sent off chip at a speed that is not dependent on the speed of the data source.
Formatter: The formatter inserts source ID signals into the data packet stream so that trace data can be
re-associated with its trace source. Since the EM35x has only one trace source, the ITM, it is not necessary
to use the formatter and therefore the formatter only adds overhead into the data stream. Since certain
modes of the TPIU automatically enable the formatter, these modes should be avoided whenever possible.
Trace Out: The trace out block serializes the data and sends it off chip via the proper alternate output
GPIO functions.
The five pins available to the TPIU are:
SWO
TRACECLK
TRACEDATA0
TRACEDATA1
TRACEDATA2
TRACEDATA3
Since these pins are alternate outputs of GPIO, refer to Chapter 1, Pin Assignments and Chapter 7, GPIO for
complete pin descriptions and configurations.
Note:
The SWO alternate output is mirrored on GPIO PC1 and PC2.
Note:
GPIO PC1 shares both the SWO and TRACEDATA0 alternate outputs. This is possible because SWO and
TRACEDATA0 are mutually exclusive and only one may be selected at a time in the trace out block.
The Ember software utilizes the TPIU for efficiently outputting debug data. Altering the TPIU configuration
may conflict with Ember debug output.
For further information on the TPIU, contact Ember support for the ARM® CortexTM-M3 Technical Reference
Manual, the ARM® CoreSightTM Components Technical Reference Manual, the ARM® v7-M Architecture
Reference Manual, and the ARM® v7-M Architecture Application Level Reference Manual.
12-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com