Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 216 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 216 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 212Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 213Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 214Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 215Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 216Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 217Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 218Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 219Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 220Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 240 page
background image
EM351 / EM357
15 Flash Patch and Breakpoint (FPB)
The EM35x integrates the standard ARM® Flash Patch and Breakpoint (FPB). The FPB implements hardware
breakpoints. The FPB also provides support for remapping of specific instruction or literal locations from flash
memory to an address in RAM memory. The FPB contains:
Two literal comparators for matching against literal loads from flash space, and remapping to a
corresponding RAM space.
Six instruction comparators for matching against instruction fetches from flash space, and remapping to a
corresponding RAM space. Alternatively, the comparators can be individually configured to return a
breakpoint instruction to the processor core on a match, implementing hardware breakpoint capability.
The FPB contains a global enable, but also individual enables for the eight comparators. If the comparison for
an entry matches, the address is remapped to the address defined in the remap register plus and offset
corresponding to the comparator that matched. Alternately, the address is remapped to a breakpoint
instruction. The comparison happens on the fly, but the result of the comparison occurs too late to stop the
original instruction fetch or literal load taking place from the flash space. The processor ignores this
transaction, however, and only the remapped transaction is used.
Memory Protection Unit (MPU) lookups are performed for the original address, not the remapped address.
Unaligned literal accesses are not remapped. The original access to the bus takes place in this case.
The FPB is designed for use with advanced debug tools, available from multiple vendors. Altering FPB
configuration may conflict with the operation of advanced debug tools.
For further information on the FPB, contact Ember support for the ARM® CortexTM-M3 Technical Reference
Manual, the ARM® CoreSightTM Components Technical Reference Manual, the ARM® v7-M Architecture
Reference Manual, and the ARM® v7-M Architecture Application Level Reference Manual.
15-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com