Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 220 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 220 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 216Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 217Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 218Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 219Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 220Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 221Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 222Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 223Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 224Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 240 page
background image
EM351 / EM357
18 Typical Application
Figure 18-1 illustrates the typical application circuit, and Table 18-1 contains an example Bill of Materials
(BOM) for the off-chip components required by the EM35x.
Note:
The circuit shown in Figure 18-1 is for example purposes only, and the BOM is for budgetary quotes
only. For a complete reference design, please download one of the latest Ember Reference Designs from the
Ember website (www.ember.com).
The Balun provides an impedance transformation from the antenna to the EM35x for both Tx and Rx modes.
L1 tunes the impedance presented to the RF port for maximum transmit power and receive sensitivity.
The harmonic filter (L2, L3, C5, C6 and C9) provides additional suppression of the second harmonic, which
increases the margin over the FCC limit.
The 24 MHz crystal Y1 with loading capacitors is required and provides the high-frequency crystal oscillator
source for the EM35x’s main system clock. The 32.768 kHz crystal with loading capacitors generates a highly
accurate low-frequency crystal oscillator for use with peripherals, but it is not mandatory as the low-
frequency internal RC oscillator can be used.
Loading capacitance and ESR (C1 and R3) provides stability for the internal 1.8 V regulator.
Loading capacitance C2 provides stability for the internal 1.25 V regulator, no ESR is required because it is
contained within the chip.
Resistor R1 reduces the operating voltage of the flash memory, this reduces current consumption and
improves sensitivity by 1 dB when compared to not using it.
Various decoupling capacitors are required, these should be placed as close to their corresponding pins as
possible. For values and locations see one of the latest reference designs.
An antenna matched to 50 Ω is required.
18-1
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com