Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 222 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 222 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 218Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 219Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 220Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 221Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 222Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 223Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 224Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 225Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 226Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 240 page
background image
EM351 / EM357
18-3
120-035X-000D
Preliminary
Table 18-1 contains a typical Bill of Materials for the application circuit shown in Figure 18-1. The information
within this table should be used for a rough cost analysis. For a more detailed BOM, please refer to one of
Ember’s EM35x-based reference designs at the Ember website (www.ember.com).
Table 18-1. Bill of Materials for Figure 18-1
Item Qty Reference
Description
Manufacturer
1
1
C2
CAPACITOR, 1 µF, 6.3 V, X5R, 10%, 0402
<not specified>
2
1
C1
CAPACITOR, 2.2 µF, 10 V, X5R, 10%, 0603
<not specified>
3
1
C7
CAPACITOR, 22 pF, ±5%, 50 V, NPO, 0402
<not specified>
4
2
C3,C4
CAPACITOR, 18 pF, ±5%, 50 V, NPO, 0402
<not specified>
5
1
C8
CAPACITOR, 33 pF, ±5%, 50 V, NPO, 0402
<not specified>
6
2
C5, C9
CAPACITOR, 1 pF, ±0.25 pF, 50 V, 0402, NPO
<not specified>
7
1
C6
CAPACITOR, 1.8pF, ±0.25 pF, 50 V, 0402, NPO
8
1
L1
INDUCTOR, 5.1 nH, ±0.3 nH, 0402 MULTILAYER
Murata LQG15HS5N1
9
2
L2, L3
INDUCTOR, 2.7 nH, ±0.3 nH, 0402, MULTILAYER
Murata LQG15HS2N7
10
1
R1
RESISTOR, 10 Ω, 5%, 0402
<not specified>
11
1
R3
RESISTOR, 1 Ω, 5%, 0402
<not specified>
12
1
U1
EM35x SINGLE-CHIP ZIGBEE/802.15.4-2003
SOLUTION
Ember EM35x
13
1
Y1
CRYSTAL, 24.000 MHz, ±10 PPM TOLERANCE, ±
25 ppm STABILITY, 18 pF, -40 TO +85ºC
ILSI, Abracon, KDS, Epson
14
1
Y2 (Optional)
CRYSTAL, 32.768 kHz, ±20 ppm TOLERANCE,
12.5 pF, -40 TO +85ºC
Abracon, KDS, Epson
15
1
BLN1
BALUN, CERAMIC 50/200 Ω
Wurth 748421245
Johanson 2450BL15B100E
Murata LDB212G4010C
16
1
ANT1
ANTENNA
Johanson
2450AT18B100E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com