Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EM357-RTR Datasheet(PDF) 221 Page - List of Unclassifed Manufacturers

Part # EM357-RTR
Description  High-Performance, Integrated ZigBee/802.15.4 System-on-Chip
PDF  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EM357-RTR Datasheet(HTML) 221 Page - List of Unclassifed Manufacturers

Back Button EM357-RTR Datasheet HTML 217Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 218Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 219Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 220Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 221Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 222Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 223Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 224Page - List of Unclassifed Manufacturers EM357-RTR Datasheet HTML 225Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 221 / 240 page
background image
EM351 / EM357
Figure 18-1. Typical Application Circuit
VDD_24MHz
1
VDD_VCO
2
RF_P
3
RF_N
4
VDD_RF
5
RF_TX_ALT_P
6
RF_TX_ALT_N
7
VDD_IF
8
NC
9
VDD_PADSA
10
PC5
11
nRESET
12
PB0
36
PC4
35
PC3
34
PC2
33
JTCK
32
PB2
31
PB1
30
PA6
29
VDD_PADS
28
PA5
27
PA4
26
PA3
25
GND
49
Harmonic
Filter
Antenna
Ceramic
Balun
EM35x
Y1
Y2
R1
R3
L1
C1
L2
C2
C3
C4
C5 C6
C7
C8
VBRD
Optional
PC2
PC0
PC3
JTCK
PC4
nReset
PA4
PA5
Programing and
debug interface
(these pins should be
routed to test points)
L3
C9
18-2
120-035X-000D
Preliminary



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com