Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 45 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 45 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 67 page
background image
ADT7476
http://onsemi.com
45
Enhance Acoustics Register 1 (0x62)
Bit 7 (MIN3) = 0, PWM3 is off (0% PWM duty cycle) when
temperature is below TMIN − THYST.
Bit 7 (MIN3) = 1, PWM3 runs at PWM3 minimum duty cycle
below TMIN − THYST.
Bit 6 (MIN2) = 0, PWM2 is off (0% PWM duty cycle) when
temperature is below TMIN − THYST.
Bit 6 (MIN2) = 1, PWM2 runs at PWM2 minimum duty cycle
below TMIN − THYST.
Bit 5 (MIN1) = 0, PWM1 is off (0% PWM duty cycle) when
temperature is below TMIN − THYST.
Bit 5 (MIN1) = 1, PWM1 runs at PWM1 minimum duty cycle
below TMIN − THYST.
Configuration Register 6 (0x10)
[0] SLOW = 1, slows the ramp rate for PWM changes
associated with the Remote 1 temperature channel by a factor
of 4.
[1] SLOW = 1, slows the ramp rate for PWM changes
associated with the local temperature channel by a factor of 4.
[2] SLOW = 1, slows the ramp rate for PWM changes
associated with the Remote 2 temperature channel by a factor
of 4.
[7] ExtraSlow = 1, slows the ramp rate for all fans by a factor
of 39.2%.
The following sections list the ramp−up times when
enhanced acoustics is enabled for each temperature channel.
Enhance Acoustics Register 1 (0x62)
[2:0] ACOU selects the ramp rate for PWM outputs
associated with the Remote Temperature 1 input.
000 = 37.5 sec
001 = 18.8 sec
010 = 12.5 sec
011 = 7.5 sec
100 = 4.7 sec
101 = 3.1 sec
110 = 1.6 sec
111 = 0.8 sec
Enhance Acoustics Register 2 (0x63)
[2:0] ACOU3 selects the ramp rate for PWM outputs
associated with the local temperature channel.
000 = 37.5 sec
001 = 18.8 sec
010 = 12.5 sec
011 = 7.5 sec
100 = 4.7 sec
101 = 3.1 sec
110 = 1.6 sec
111 = 0.8 sec
[6:4] ACOU2 selects the ramp rate for PWM outputs
associated with the Remote Temperature 2 input.
000 = 37.5 sec
001 = 18.8 sec
010 = 12.5 sec
011 = 7.5 sec
100 = 4.7 sec
101 = 3.1 sec
110 = 1.6 sec
111 = 0.8 sec
When Bit 7 of Configuration Register 6 (0x10) = 1, the
above ramp rates change to the values below.
000 = 52.2 sec
001 = 26.1 sec
010 = 17.4 sec
011 = 10.4 sec
100 = 6.5 sec
101 = 4.4 sec
110 = 2.2 sec
111 = 1.1 sec
Setting the appropriate slow bit [2:0] of Configuration
Register 6 (0x10) slows the ramp rate further by a factor of 4.
Fan Presence Detect
This feature is used to determine if a 4−wire fan is directly
connected to a PWM output. This feature does not work for
3−wire fans. To detect whether a 4−wire fan is connected
directly to a PWM output, the following must be performed
in this order:
1. Drive the appropriate PWM outputs to 100%
duty cycle.
2. Set Bit 0 of Configuration Register 2 (0x73).
3. Wait 5 ms.
4. Program fans to run at a different speed if necessary.
5. Read the state of Bits [3:1] of Configuration
Register 2 (0x73). The state of these bits reflects
whether a 4−wire fan is directly connected to the
PWM output.
As the detection time only takes 5 ms, programming the
PWM outputs to 100% and then back to its normal speed is
not noticeable in most cases.
How Fan Presence Detect Works
4−wire fans typically have an internal pull up to 4.75 V
±10%, which typically sources 5 mA. While the detection
cycle is on, an internal current sink is turned on, which sinks
current from the fan’s internal pullup. By driving some of the
current from the fan’s internal pullup (~100
mA) the logic
buffer switches to a defined logic state. If this state is high,
a fan is present; if the state is low, no fan is present.
Note: The PWM input voltage should be clamped to 3.3 V.
This ensures the PWM output is not pulled to a voltage
higher than the maximum allowable voltage on that pin
(5.5 V).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com