Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 36 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 36 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 67 page
background image
ADT7476
http://onsemi.com
36
Step 2—Configuring the Mux
After the system hardware configuration is determined,
the fans can be assigned to particular temperature channels.
Not only can fans be assigned to individual channels, but the
behavior of the fans is also configurable. For example, fans
can be run under automatic fan control, manually (under
software control), or at the fastest speed calculated by
multiple temperature channels. The mux is the bridge
between temperature measurement channels and the three
PWM outputs.
Bits [7:5] (BHVR) of Register 0x5C, Register 0x5D, and
Register 0x5E (PWM configuration registers) control the
behavior of the fans connected to the PWM1, PWM2, and
PWM3 outputs. The values selected for these bits determine
how the mux connects a temperature measurement channel
to a PWM output.
Automatic Fan Control Mux Options
[7:5] (BHVR), Register 0x5C, Register 0x5D, Register
0x5E.
000 = Remote 1 temperature controls PWMx
001 = Local temperature controls PWMx
010 = Remote 2 temperature controls PWMx
101 = Fastest speed calculated by local and Remote 2
temperature controls PWMx
110 = Fastest speed calculated by all three
temperature channels controls PWMx
The fastest speed calculated options pertain to controlling
one PWM output based on multiple temperature channels.
The thermal characteristics of the three temperature zones
can be set to drive a single fan. An example would be the fan
turning on when Remote 1 temperature exceeds 60
°C or if
the local temperature exceeds 45
°C.
Other Mux Options
[7:5] (BHVR), Register 0x5C, Register 0x5D, Register 0x5E.
011 = PWMx runs full speed
100 = PWMx disabled (default)
111 = Manual mode. PWMx is running under
software control. In this mode, PWM current
duty cycle registers (0x30 to 0x32) are writable
and control the PWM outputs.
Figure 51. Assigning Temperature Channels to Fan Channels
MUX
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
REMOTE 1 =
AMBIENT TEMP
LOCAL =
VRM TEMP
REMOTE 2 =
CPU TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
PWM
MIN
PWM
MIN
PWM
MIN
100%
PWM
GENERATOR
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
TACHOMETER 1
MEASUREMENT
TACHOMETER 2
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
PWM
CONFIG
PWM
CONFIG
PWM
CONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com