Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 11 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
ADT7476
http://onsemi.com
11
pulse to assert a stop condition. In read mode, the
master device overrides the acknowledge bit by
pulling the data line high during the low period
before the ninth clock pulse. This is known as no
acknowledge. The master then takes the data line
low during the low period before the 10th clock
pulse, and then high during the 10th clock pulse to
assert a stop condition.
Any number of bytes of data can be transferred over the
serial bus in one operation. However, it is not possible to mix
read and write in one operation because the type of operation
is determined at the beginning and cannot subsequently be
changed without starting a new operation. In the ADT7476,
write operations contain either one or two bytes, and read
operations contain one byte.
To write data to one of the device data registers or read
data from it, the address pointer register must be set so the
correct data register is addressed. Then, data can be written
into that register or read from it. The first byte of a write
operation always contains an address stored in the address
pointer register. If data is to be written to the device, then the
write operation contains a second data byte that is written to
the register selected by the address pointer register.
This write operation is illustrated in Figure 18. The device
address is sent over the bus, and then R/W is set to 0. This
is followed by two data bytes. The first data byte is the
address of the internal data register to be written to, which
is stored in the address pointer register. The second data byte
is the data to be written to the internal data register.
When reading data from a register, there are two possibilities:
1. If the ADT7476’s address pointer register value is
unknown, or not the desired value, then it must
first be set to the correct value before data can be
read from the desired data register. This is done by
performing a write to the ADT7476 as before, but
only the data byte containing the register address
is sent, because no data is written to the register
(see Figure 19).
A read operation is then performed consisting of
the serial bus address; R/W bit set to 1, followed
by the data byte read from the data register (see
Figure 20.)
2. If the address pointer register is already known to
be at the desired address, data can be read from the
corresponding data register without first writing to
the address pointer register (see Figure 20).
It is possible to read a data byte from a data register
without first writing to the address pointer register, if the
address pointer register is already at the correct value.
However, it is not possible to write data to a register without
writing to the address pointer register, because the first data
byte of a write is always written to the address pointer
register.
In addition to supporting the send byte and receive byte
protocols, the ADT7476 also supports the read byte protocol.
See Intel’s System Management Bus Specifications
Revision 2 for more information.
If several read or write operations must be performed in
succession, the master can send a repeat start condition
instead of a stop condition to begin a new operation.
Figure 18. Writing a Register Address to the Address Pointer Register, then Writing Data to the Selected Register
R/W
0
SCL
SDA
1
0
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
START BY MASTER
19
1
ACK. BY ADT7476
9
D7
D6
D5
D4
D3
D2
D1
D0
STOP BY
MASTER
1
9
SCL (CONTINUED)
SDA (CONTINUED)
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
FRAME 3
DATA BYTE
Figure 19. Writing to the Address Pointer Register Only
R/W
0
SCL
SDA
10
1
1
A1
A0
D7
D6
D5
D4
D3
D2
D1
D0
STOP BY
FRAME 1
SERIAL BUS ADDRESS BYTE
FRAME 2
ADDRESS POINTER REGISTER BYTE
1
1
9
9
ACK. BY ADT7476
ACK. BY ADT7476
START BY MASTER
ACK. BY ADT7476
ACK. BY MASTERMASTER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com