Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 51 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 51 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 53Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 54Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 55Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 67 page
background image
ADT7476
http://onsemi.com
51
Table 19. Fan Tachometer Reading Registers (Power−On Default = 0x00) (Note 1)
Register Address
R/W
Description
0x28
Read−only
TACH1 low byte.
0x29
Read−only
TACH1 high byte.
0x2A
Read−only
TACH2 low byte.
0x2B
Read−only
TACH2 high byte.
0x2C
Read−only
TACH3 low byte.
0x2D
Read−only
TACH3 high byte.
0x2E
Read−only
TACH4 low byte.
0x2F
Read−only
TACH4 high byte.
1. These registers count the number of 11.11 ms periods (based on an internal 90 kHz clock) that occur between a number of consecutive fan TACH
pulses (default = 2). The number of TACH pulses used to count can be changed using the TACH Pulses per Revolution register (Register 0x7B).
This allows the fan speed to be accurately measured. Because a valid fan tachometer reading requires that two bytes be read, the low byte must
be read first. Both the low and high bytes are then frozen until read. At power−on, these registers contain 0x0000 until the first valid fan TACH
measurement is read into these registers. This prevents false interrupts from occurring while the fans are spinning up. A count of 0xFFFF
indicates that a fan is one of the following: stalled or blocked (object jamming the fan), failed (internal circuitry destroyed), or not populated. (The
ADT7476 expects to see a fan connected to each TACH. If a fan is not connected to that TACH, its TACH minimum high and low bytes should
be set to 0xFFFF.) An alternate function, for example, is TACH4 reconfigured as the THERM pin.
Table 20. Current PWM Duty Cycle Registers (Power−On Default = 0xFF) (Note 1)
Register Address
R/W
Description
0x30
R/W
PWM1 current duty cycle (0% to 100% duty cycle = 0x00 to 0xFF).
0x31
R/W
PWM2 current duty cycle (0% to 100% duty cycle = 0x00 to 0xFF).
0x32
R/W
PWM3 current duty cycle (0% to 100% duty cycle = 0x00 to 0xFF).
1. These registers reflect the PWM duty cycle driving each fan at any given time. When in automatic fan speed control mode, the ADT7476
reports the PWM duty cycles back through these registers. The PWM duty cycle values vary according to temperature in automatic fan speed
control mode. During fan startup, these registers report back 0x00. In manual mode, the PWM duty cycle outputs can be set to any duty cycle
value by writing to these registers.
Table 21.PWM Maximum Duty Cycle (Power−On Default = 0xFF) (Note 1 and 2)
Register Address
R/W
(Note 2)
Description
0x38
R/W
Maximum duty cycle for PWM1 output, default = 100% (0xFF).
0x39
R/W
Maximum duty cycle for PWM2 output, default = 100% (0xFF).
0x3A
R/W
Maximum duty cycle for PWM3 output, default = 100% (0xFF).
1. These registers set the maximum PWM duty cycle of the PWM output.
2. This register becomes read−only when the Configuration Register 1 lock bit is set to 1. Any subsequent attempts to write to this register fail.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com