Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 27 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 27 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 67 page
background image
ADT7476
http://onsemi.com
27
Driving Two Fans from PWM3
The ADT7476 has four TACH inputs available for fan
speed measurement, but only three PWM drive outputs. If a
fourth fan is being used in the system, it should be driven
from the PWM3 output in parallel with the third fan.
Figure 38 shows how to drive two fans in parallel using low
cost NPN transistors. Figure 39 shows the equivalent circuit
using a MOSFET.
Because the MOSFET can handle up to 3.5 A, users can
connect another fan directly in parallel with the first. Care
should be taken in designing drive circuits with transistors
and FETs to ensure that the PWM outputs are not required
to source current, and that they sink less than the 5 mA
maximum current specified on the data sheet.
Driving up to Three Fans from PWM3
TACH measurements for fans are synchronized to
particular PWM channels; for example, TACH1 is
synchronized to PWM1. TACH3 and TACH4 are both
synchronized to PWM3, so PWM3 can drive two fans.
Alternatively, PWM3 can be programmed to synchronize
TACH2, TACH3, and TACH4 to the PWM3 output. This
allows PWM3 to drive two or three fans. In this case, the
drive circuitry looks the same, as shown in Figure 38 and
Figure 39. The SYNC bit in Register 0x62 enables this
function.
Synchronization is not required in high frequency mode
when used with 4−wire fans.
(SYNC) Enhance Acoustics Register 1 (0x62)
[4] SYNC = 1, synchronizes TACH2, TACH3, and TACH4
to PWM3.
Figure 38. Interfacing Two Fans in Parallel to the
PWM3 Output Using Low Cost NPN Transistors
ADT7476
PWM3
3.3V
3.3V
12V
Q1
MMBT3904
Q2
MMBT2222
Q3
MMBT2222
10kΩ
10kΩ
2.2kΩ
1kΩ
TACH3
TACH4
3.3V
3.3V
Figure 39. Interfacing Two Fans in Parallel to the
PWM3 Output Using a Single N−Channel MOSFET
ADT7476
PWM3
TACH3
TACH4
3.3V
3.3V
3.3V
+V
+V
TACH
TACH
Q1
NDT3055L
1N4148
5V OR
12V FAN
5V OR
12V FAN
10kΩ
TYPICAL
10kΩ
TYPICAL
10kΩ
TYPICAL
3.3V
3.3V
Laying Out 3−Wire Fans
Figure 40 shows how to lay out a common circuit
arrangement for 3−wire fans.
Figure 40. Planning for 3−Wire Fans on a PCB
Q1
MMBT2222
R2
R1
R3
R4
PWM
1N4148
3.3V OR 5V
12V OR 5V
TACH
TACH Inputs
Pin 9, Pin 11, Pin 12, and Pin 14 (when configured as
TACH inputs) are high impedance inputs intended for fan
speed measurement.
Signal conditioning in the ADT7476 accommodates the
slow rise and fall times typical of fan tachometer outputs.
The maximum input signal range is 0 V to 5.5 V, even though
VCC is 3.3 V. In the event that these inputs are supplied from
fan outputs that exceed 0 V to 5.5 V, either resistive
attenuation of the fan signal or diode clamping must be
included to keep inputs within an acceptable range.
Figure 41 to Figure 44 show circuits for most common fan
TACH outputs.
If the fan TACH output has a resistive pullup to VCC, it can
be connected directly to the fan input, as shown in Figure 41.
Figure 41. Fan with TACH Pullup to VCC
12V
VCC
PULLUP
4.7k
TYP
TACH
OUTPUT
FAN SPEED
COUNTER
TACH
ADT7476
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com