Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 25 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 25 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 28Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
ADT7476
http://onsemi.com
25
Configuring the Relevant THERM Behavior
1. Configure the desired pin as the THERM timer
input.
Setting Bit 1 (THERM timer enable) of
Configuration Register 3 (0x78) enables the THERM
timer monitoring functionality. This is disabled on
Pin 14 and Pin 22 by default.
Setting Bit 0 and Bit 1 (PIN14FUNC) of
Configuration Register 4 (0x7D) enables THERM
timer output functionality on Pin 22 (Bit 1 of
Configuration Register 3, THERM, must also be set).
Pin 14 can also be used as TACH4.
2. Select the desired fan behavior for THERM timer
events.
Assuming the fans are running, setting Bit 2
(BOOST bit) of Configuration Register 3 (0x78)
causes all fans to run at 100% duty cycle whenever
THERM is asserted. This allows fail−safe system
cooling. If this bit is 0, the fans run at their current
settings and are not affected by THERM events. If
the fans are not already running when THERM
is asserted, then the fans do not run to full speed.
3. Select whether THERM timer events should
generate SMBALERT interrupts.
Setting Bit 5 (F4P) of Mask Register 2 (0x75) or Bit
0 of Mask Register 1 (0x74), depending on which
pins are configured as a THERM timer, masks
SMBALERTs when the THERM timer limit value is
exceeded. This bit should be cleared if SMBALERTs
based on THERM events are required.
4. Select a suitable THERM limit value.
This value determines whether an SMBALERT is
generated on the first THERM assertion, or if only
a cumulative THERM assertion time limit is
exceeded. A value of 0x00 causes an SMBALERT
to be generated on the first THERM assertion.
5. Select a THERM monitoring time.
This value specifies how often OS− or BIOS−level
software checks the THERM timer. For example,
BIOS can read the THERM timer once an hour to
determine the cumulative THERM assertion time. If,
for example, the total THERM assertion time is
<22.76 ms in Hour 1, >182.08 ms in Hour 2, and
>5.825 sec in Hour 3, system performance is
degrading significantly because THERM is asserting
more frequently on an hourly basis.
Alternatively, OS− or BIOS−level software can
timestamp when the system is powered on. If an
SMBALERT is generated due to the THERM timer
limit being exceeded, another timestamp can be
taken. The difference in time can be calculated for a
fixed THERM timer limit time. For example, if it
takes one week for a THERM timer limit of 2.914 sec
to be exceeded, and the next time it takes only 1 hour,
then a serious degradation in system performance
has occurred.
Configuring the THERM Pin as an Output
In addition to monitoring THERM as an input, the
ADT7476 can optionally drive THERM low as an output.
When PROCHOT is bidirectional, THERM can be used to
throttle the processor by asserting PROCHOT. The user can
preprogram system−critical thermal limits. If the temperature
exceeds a thermal limit by 0.25
°C, THERM asserts low. If the
temperature is still above the thermal limit on the next
monitoring cycle, THERM stays low. THERM remains
asserted low until the temperature is equal to or below the
thermal limit. Because the temperature for that channel is
measured only once for every monitoring cycle, after
THERM asserts, it is guaranteed to remain low for at least one
monitoring cycle.
The THERM pin can be configured to assert low, if the
Remote 1, local, or Remote 2 THERM temperature limits
are exceeded by 0.25
°C. The THERM temperature limit
registers are at Register 0x6A, Register 0x6B, and Register
0x6C, respectively. Setting Bits [5:7] of Configuration
Register 5 (0x7C) enables the THERM output feature for the
Remote 1, local, and Remote 2 temperature channels,
respectively. Figure 34 shows how the THERM pin asserts
low as an output in the event of a critical overtemperature.
Figure 34. Asserting THERM as an Output, Based on
Tripping THERM Limits
MONITORING
CYCLE
TEMP
THERM LIMIT
0.25°C
THERM LIMIT
THERM
An alternative method of disabling THERM is to program
the THERM temperature limit to –63
°C or less in Offset 64
mode, or −128
°C or less in twos complement mode; that is,
for THERM temperature limit values less than –63
°C or
–128
°C, respectively, THERM is disabled.
Enabling and Disabling THERM on individual Channels
THERM can be enabled/disabled for individual or
combinations of temperature channels using Bits [7:5] of
Configuration Register 5 (0x7C).
THERM Hysteresis
Setting Bit 0 of Configuration Register 7 (0x11) disables
THERM hysteresis.
If THERM hysteresis is enabled and THERM is disabled
(Bit 2 of Configuration Register 4, 0x7D), the THERM pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com