Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 48 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 48 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 48Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 49Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 50Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 51Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 52Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
ADT7476
http://onsemi.com
48
Table 14. ADT7476 Registers
Addr
Lock-
able
De-
fault
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5
Bit 6
Bit 7
Desc
R/W
0x43
R/W
VID/GPIO
VIDSEL
THLD
VID 5
VID4/
GPIO4
VID3/
GPIO3
VID2/
GPIO2
VID1/
GPIO1
VID 0/
GPIO 0
0x1F
−
0x44
R/W
2.5 V Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x45
R/W
2.5 V High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x46
R/W
VCCP Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x47
R/W
VCCP High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x48
R/W
VCC Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x49
R/W
VCC High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x4A
R/W
5.0 V Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x4B
R/W
5.0 V High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x4C
R/W
12 V Low Limit
7
6
5
4
3
2
1
0
0x00
−
0x4D
R/W
12 V High Limit
7
6
5
4
3
2
1
0
0xFF
−
0x4E
R/W
Remote 1 Temp
Low Limit
7
6
5
4
3
2
1
0
0x81
−
0x4F
R/W
Remote 1 Temp
High Limit
7
6
5
4
3
2
1
0
0x7F
−
0x50
R/W
Local Temp Low
Limit
7
6
5
4
3
2
1
0
0x81
−
0x51
R/W
Local Temp High
Limit
7
6
5
4
3
2
1
0
0x7F
−
0x52
R/W
Remote 2 Temp
Low Limit
7
6
5
4
3
2
1
0
0x81
−
0x53
R/W
Remote 2 Temp
High Limit
7
6
5
4
3
2
1
0
0x7F
−
0x54
R/W
TACH1 Min Low
Byte
7
6
5
4
3
2
1
0
0xFF
−
0x55
R/W
TACH1 Min High
Byte
15
14
13
12
11
10
9
8
0xFF
−
0x56
R/W
TACH2 Min Low
Byte
7
6
5
4
3
2
1
0
0xFF
−
0x57
R/W
TACH2 Min High
Byte
15
14
13
12
11
10
9
8
0xFF
−
0x58
R/W
TACH3 Min Low
Byte
7
6
5
4
3
2
1
0
0xFF
−
0x59
R/W
TACH3 Min High
Byte
15
14
13
12
11
10
9
8
0xFF
−
0x5A
R/W
TACH4 Min Low
Byte
7
6
5
4
3
2
1
0
0xFF
−
0x5B
R/W
TACH4 Min High
Byte
15
14
13
12
11
10
9
8
0xFF
−
0x5C
R/W
PWM1
Configuration
BHVR
BHVR
BHVR
INV
RES
SPIN
SPIN
SPIN
0x62
Yes
0x5D
R/W
PWM2
Configuration
BHVR
BHVR
BHVR
INV
RES
SPIN
SPIN
SPIN
0x62
Yes
0x5E
R/W
PWM3
Configuration
BHVR
BHVR
BHVR
INV
RES
SPIN
SPIN
SPIN
0x62
Yes
0x5F
R/W
Remote 1
TRANGE/PWM1
Frequency
RANGE
RANGE
RANGE
RANGE
HF/LF
FREQ
FREQ
FREQ
0XC4
Yes
0x60
R/W
Local
TRANGE/PWM2
Frequency
RANGE
RANGE
RANGE
RANGE
HF/LF
FREQ
FREQ
FREQ
0XC4
Yes
0x61
R/W
Remote 2
TRANGE/PWM3
Frequency
RANGE
RANGE
RANGE
RANGE
HF/LF
FREQ
FREQ
FREQ
0XC4
Yes
0x62
R/W
Enhance
Acoustics
Register 1
MIN3
MIN2
MIN1
SYNC
EN1
ACOU
ACOU
ACOU
0X00
Yes
0x63
R/W
Enhance
Acoustics
Register 2
EN2
ACOU2
ACOU2
ACOU2
EN3
ACOU3
ACOU3
ACOU3
0X00
Yes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com