Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 23 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 23 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 27Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 67 page
background image
ADT7476
http://onsemi.com
23
Interrupt Mask Register 2 (0x75)
Bit 7 (D2) = 1, masks SMBALERT for Diode 2 errors.
Bit 6 (D1) = 1, masks SMBALERT for Diode 1 errors.
Bit 5 (FAN4) = 1, masks SMBALERT for Fan 4 failure.
If the TACH4 pin is being used as the THERM input, this
bit masks SMBALERT for a THERM event. If the TACH4
pin is being used as GPIO6, setting this bit masks interrupts
related to GPIO6.
Bit 4 (FAN3) = 1, masks SMBALERT for Fan 3.
Bit 3 (FAN2) = 1, masks SMBALERT for Fan 2.
Bit 2 (FAN1) = 1, masks SMBALERT for Fan 1.
Bit 1 (OVT) = 1, masks SMBALERT for overtemperature
(exceeding THERM temperature limits).
Bit 0 (12 V/VC) = 1, masks SMBALERT for 12 V channel
or for a VID code change, depending on the function used.
Enabling the SMBALERT Interrupt Output
The SMBALERT interrupt function is disabled by
default. Pin 10 or Pin 14 can be reconfigured as an
SMBALERT output to signal out−of−limit conditions.
Table 11. Configuring Pin 10 as SMBALERT Output
Register
Bit Setting
Configuration Register 3
(0x78)
[1] Pin 10 = SMBALERT
[0] Pin 10 = PWM2
Assigning THERM Functionality to a Pin
Pin 14 on the ADT7476 has four possible functions:
SMBALERT, THERM, GPIO6, and TACH4. The user
chooses the required functionality by setting Bit 0 and Bit 1
of Configuration Register 4 (0x7D).
If THERM is enabled on Bit 1, Configuration Register 3
(0x78):
• Pin 22 becomes THERM.
• If Pin 14 is configured as THERM on Bit 0 and Bit 1 of
Configuration Register 4 (0x7D), THERM is enabled
on this pin.
If THERM is not enabled:
• Pin 22 becomes a 2.5 V measurement input.
• If Pin 14 is configured as THERM, then THERM is
disabled on this pin.
Table 12. Configuring Pin 14
Bit 1
Bit 0
Function
0
0
TACH4
0
1
THERM
1
0
SMBALERT
1
1
GPIO6
THERM as an Input
When THERM is configured as an input, the user can time
assertions on the THERM pin. This can be useful for
connecting to the PROCHOT output of a CPU to gauge
system performance.
When the THERM pin is driven low externally, the user
can also set up the ADT7476 to run the fans at 100%. The
fans run at 100% for the duration of time that the THERM
pin is pulled low. This is done by setting the BOOST bit
(Bit 2) in Configuration Register 3 (0x78) to 1. This works
only if the fan is already running, for example, in manual
mode, when the current duty cycle is above 0x00, or in
automatic mode when the temperature is above TMIN.
If the temperature is below TMIN or if the duty cycle in
manual mode is set to 0x00, pulling the THERM low
externally has no effect. See Figure 31 for more information.
Figure 31. Asserting THERM Low as an Input in
Automatic Fan Speed Control Mode
THERM
TMIN
THERM ASSERTED TO LOW AS AN INPUT:
FANS DO NOT GO TO 100% BECAUSE
TEMPERATURE IS BELOW TMIN
.
THERM ASSERTED TO LOW AS AN INPUT:
FANS GO TO 100% BECAUSE TEMPERATURE
IS ABOVE TMIN AND FANS ARE ALREADY RUNNING.
THERM Timer
The ADT7476 has an internal timer to measure THERM
assertion time. For example, the THERM input can be
connected to the PROCHOT output of a Pentium 4 CPU to
measure system performance. The THERM input can also
be connected to the output of a trip−point temperature
sensor.
The timer is started on the assertion of the ADT7476’s
THERM input and stopped when THERM is de−asserted.
The timer counts THERM times cumulatively; that is, the
timer resumes counting on the next THERM assertion. The
THERM timer continues to accumulate THERM assertion
times until the timer is read (where it is cleared), or until it
reaches full scale. If the counter reaches full scale, it stops
at that reading until cleared.
The 8−bit THERM timer status register (0x79) is designed
so that Bit 0 is set to 1 on the first THERM assertion. Once
the cumulative THERM assertion time has exceeded
45.52 ms, Bit 1 of the THERM timer is set and Bit 0 now
becomes the LSB of the timer with a resolution of 22.76 ms
(see Figure 32).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com