Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 43 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 43 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 44Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 45Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 46Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 47Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 67 page
background image
ADT7476
http://onsemi.com
43
temperature at which the fan reaches full speed) by setting
TTHERM to that limit (for example, 70°C).
THERM Limit Registers
Register 0x6A, Remote 1 THERM Limit = 0x64 (100
°C default)
Register 0x6B, Local THERM Limit = 0x64 (100
°C default)
Register 0x6C, Remote 2 THERM Limit = 0x64 (100
°C default)
THERM Hysteresis
THERM hysteresis on a particular channel is configured
via the hysteresis settings (Register 0x6D and Register
0x6E). For example, setting hysteresis on the Remote 1
channel also sets the hysteresis on Remote 1 THERM.
Hysteresis Registers
Register 0x6D, Remote 1, Local Temperature Hysteresis
[7:4], Remote 1 temperature hysteresis (4
°C default).
[3:0], Local temperature hysteresis (4
°C default).
Register 0x6E, Remote 2 Temperature Hysteresis
[7:4], Remote 2 temperature hysteresis (4
°C default).
Because each hysteresis setting is four bits, hysteresis
values are programmable from 1
°C to 15°C. It is not
recommended to program hysteresis values to 0
°C, because
this disables hysteresis. In effect, this causes the fans to cycle
(during a THERM event) between normal speed and 100%
speed, or, while operating close to TMIN, between normal
speed and off, creating unsettling acoustic noise.
Figure 64. How TTHERM Relates to Automatic Fan Control
TMIN
0%
100%
TTHERM
TRANGE
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
LOCAL =
VRM TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
REMOTE 1 =
AMBIENT TEMP
REMOTE 2 =
CPU TEMP
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
PWM
MIN
PWM
GENERATOR
PWM
MIN
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
PWM
MIN
TACHOMETER 1
MEASUREMENT
TACHOMETER 2
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
100%
PWM
CONFIG
PWM
CONFIG
PWM
CONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com