Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 64 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 64 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 64 / 67 page
background image
ADT7476
http://onsemi.com
64
Table 50. Register 0x7B — TACH Pulses per Revolution Register (Power−On Default = 0x55)
Bit No.
Mnemonic
R/W
Description
[1:0]
FAN1
R/W
Sets number of pulses to be counted when measuring Fan 1 speed. Can be used to
determine fan pulses per revolution for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
[3:2]
FAN2
R/W
Sets number of pulses to be counted when measuring Fan 2 speed. Can be used to
determine fan pulses per revolution for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
[5:4]
FAN3
R/W
Sets number of pulses to be counted when measuring Fan 3 speed. Can be used to
determine fan pulses per revolution for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4
[7:6]
FAN4
R/W
Sets number of pulses to be counted when measuring Fan 4 speed. Can be used to
determine fan pulses per revolution for unknown fan type.
Pulses Counted
00 = 1
01 = 2 (default)
10 = 3
11 = 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com