Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 20 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 20 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 67 page
background image
ADT7476
http://onsemi.com
20
Table 10. Programming Single−Channel ADC Mode
for Temperatures
Bits [7:5], Register 0x55
Channel Selected
101
Remote 1 Temperature
110
Local Temperature
111
Remote 2 Temperature
Configuration Register 2 (0x73)
[4] = 1, averaging off.
[6] = 1, single−channel convert mode.
TACH1 Minimum High Byte (0x55)
[7:5] selects ADC channel for single−channel convert mode.
Overtemperature Events
Overtemperature events on any of the temperature
channels can be detected and dealt with automatically in
automatic fan speed control mode. Register 0x6A to
Register 0x6C are the THERM temperature limits. When a
temperature exceeds its THERM temperature limit, all
PWM outputs run at the maximum PWM duty cycle
(Register 0x38, Register 0x39, and Register 0x3A).
This effectively runs the fans at the fastest allowed speed.
The fans run at this speed until the temperature drops
below THERM minus hysteresis. This can be disabled by
setting Bit 2, the boost bit, in Configuration Register 3
(0x78). The hysteresis value for the THERM temperature
limit is the value programmed into the hysteresis registers
(0x6D and 0x6E). The default hysteresis value is 4
°C.
Figure 28. THERM Temperature Limit Operation
FANS
TEMPERATURE
100%
HYSTERESIS (°C)
THERM LIMIT
THERM can be disabled on specific temperature channels
using Bits [7:5] of Configuration Register 5 (0x7C).
THERM can also be disabled by:
• Writing −64°C to the appropriate THERM temperature
limit in Offset 64 mode.
• Writing −128°C to the appropriate THERM
temperature limit in twos complement mode.
Limits, Status Registers, and Interrupts
Limit Values
Associated with each measurement channel on the
ADT7476 are high and low limits. These can form the basis of
system status monitoring; a status bit can be set for any
out−of−limit condition and is detected by polling the device.
Alternatively, SMBALERT interrupts can be generated to flag
out−of−limit conditions to a processor or microcontroller.
8−Bit Limits
The following is a list of 8−bit limits on the ADT7476.
Voltage Limit Registers
Register 0x44, 2.5 V Low Limit = 0x00 default
Register 0x45, 2.5 V High Limit = 0xFF default
Register 0x46, VCCP Low Limit = 0x00 default
Register 0x47, VCCP High Limit = 0xFF default
Register 0x48, VCC Low Limit = 0x00 default
Register 0x49, VCC High Limit = 0xFF default
Register 0x4A, 5.0 V Low Limit = 0x00 default
Register 0x4B, 5.0 V High Limit = 0xFF default
Register 0x4C, 12 V Low Limit = 0x00 default
Register 0x4D, 12 V High Limit = 0xFF default
Temperature Limit Registers
Register 0x4E, Remote 1 Temperature Low Limit = 0x81 default
Register 0x4F, Remote 1 Temperature High Limit = 0x7F default
Register 0x6A, Remote 1 THERM Limit = 0x64 default
Register 0x50, Local Temperature Low Limit = 0x81 default
Register 0x51, Local Temperature High Limit = 0x7F default
Register 0x6B, Local THERM Limit = 0x64 default
Register 0x52, Remote 2 Temperature Low Limit = 0x81 default
Register 0x53, Remote 2 Temperature High Limit = 0x7F default
Register 0x6C, Remote 2 THERM Limit = 0x64 default
THERM Timer Limit Register
Register 0x7A, THERM Timer Limit = 0x00 default.
16−Bit Limits
The fan TACH measurements are 16−bit results. The fan
TACH limits are also 16 bits, consisting of a high byte and
low byte. Because fans running under speed or stalled are
normally the only conditions of interest, only high limits
exist for fan TACHs. Because the fan TACH period is
actually being measured, exceeding the limit indicates a
slow or stalled fan.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com