Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 39 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 39 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 38Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 39Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 40Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 41Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 42Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 43Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
ADT7476
http://onsemi.com
39
Step 4—PWMMIN for Each PWM (Fan) Output
PWMMIN is the minimum PWM duty cycle at which each
fan in the system runs. It is also the start speed for each fan
under automatic fan control once the temperature rises
above TMIN. For maximum system acoustic benefit,
PWMMIN should be as low as possible. Depending on the
fan used, the PWMMIN setting is usually in the 20% to 33%
duty cycle range. This value can be found through fan
validation.
Figure 54. PWMMIN Determines Minimum PWM
Duty Cycle
TEMPERATURE
TMIN
100%
PWMMIN
0%
More than one PWM output can be controlled from a
single temperature measurement channel. For example,
Remote 1 temperature can control PWM1 and PWM2
outputs. If two different fans are used on PWM1 and PWM2,
the fan characteristics can be set up differently. As a result,
Fan 1 driven by PWM1 can have a different PWMMIN value
than that of Fan 2 connected to PWM2. Figure 55 illustrates
this as PWM1MIN (front fan), which is turned on at a
minimum duty cycle of 20%, while PWM2MIN (rear fan)
turns on at a minimum of 40% duty cycle. Note: Both fans
turn on at exactly the same temperature, defined by TMIN.
Figure 55. Operating Two Different Fans from a
Single Temperature Channel
TEMPERATURE
TMIN
100%
PWM1MIN
0%
PWM1
PWM2
PWM2MIN
Programming the PWM Minimum Duty Cycle Registers
The PWM minimum duty cycle registers are 8−bit
registers that allow the minimum PWM duty cycle for each
output to be configured anywhere from 0% to 100%. This
allows the minimum PWM duty cycle to be set in steps of
0.39%.
The value to be programmed into the PWMMIN register is
given by:
Value (decimal) = PWMMIN/0.39
Example 1: For a minimum PWM duty cycle of 50%,
Value (decimal) = 50/0.39 = 128 (decimal)
Value = 128 (decimal) or 80 (hex)
Example 2: For a minimum PWM duty cycle of 33%,
Value (decimal) = 33/0.39 = 85 (decimal)
Value = 85 (decimal) l or 54 (hex)
PWM Minimum Duty Cycle Registers
Register 0x64, PWM1 Minimum Duty Cycle = 0x80
(50% default)
Register 0x65, PWM2 Minimum Duty Cycle = 0x80
(50% default)
Register 0x66, PWM3 Minimum Duty Cycle = 0x80
(50% default)
Note on Fan Speed and PWM Duty Cycle
The PWM duty cycle does not directly correlate to fan
speed in RPM. Running a fan at 33% PWM duty cycle does
not equate to running the fan at 33% speed. Driving a fan at
33% PWM duty cycle actually runs the fan at closer to 50%
of its full speed. This is because fan speed in %RPM
generally relates to the square root of PWM duty cycle.
Given a PWM square wave as the drive signal, fan speed in
RPM approximates to:
% fanspeed + PWM Duty Cycle
10
(eq. 5)
Step 5—PWMMAX for PWM (Fan) Outputs
PWMMAX is the maximum duty cycle that each fan in the
system runs at under the automatic fan speed control loop.
For maximum system acoustic benefit, PWMMAX should be
as low as possible but should be capable of maintaining the
processor temperature limit at an acceptable level. If the
THERM temperature limit is exceeded, the fans are still
boosted to 100% for fail−safe cooling.
There is a PWMMAX limit for each fan channel. The
default value of this register is 0xFF and has no effect unless
it is programmed.
Figure 56. PWMMAX Determines Maximum PWM Duty
Cycle Below the THERM Temperature Limit
TEMPERATURE
TMIN
100%
PWMMIN
0%
PWMMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com