Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 33 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 33 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 29Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 30Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 31Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 32Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 33Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 34Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 35Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 36Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 37Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
ADT7476
http://onsemi.com
33
Step 1—Hardware Configuration
During system design, the motherboard sensing and
control capabilities should be addressed early in the design
stages. Decisions about how these capabilities are used
should involve the system thermal/mechanical engineer.
Ask the following questions:
1. What ADT7476 functionality is used?
• PWM2 or SMBALERT?
• TACH4 fan speed measurement or overtemperature
THERM function?
• 2.5 V voltage monitoring or overtemperature THERM
function?
• 12 V voltage monitoring or VID5 input?
The ADT7476 offers multifunctional pins that can be
reconfigured to suit different system requirements and
physical layouts. These multifunction pins are software
programmable.
2. How many fans are supported in system, three or
four? This influences the choice of whether to use
the TACH4 pin or to reconfigure it for the
THERM function.
3. Is the CPU fan to be controlled using the
ADT7476, or will the CPU fan run at full speed
100% of the time?
If run at 100%, this frees up a PWM output, but the
system is louder.
4. Where will the ADT7476 be physically located in
the system?
This influences the assignment of the temperature
measurement channels to particular system thermal zones.
For example, locating the ADT7476 close to the VRM
controller circuitry allows the VRM temperature to be
monitored using the local temperature channel.
Figure 48. Hardware Configuration Example
REAR CHASSIS
FRONT CHASSIS
CPU FAN SINK
REMOTE 1 =
AMBIENT TEMP
LOCAL =
VRM TEMP
REMOTE 2 =
CPU TEMP
PWM1
PWM2
TACH1
TACH2
TACH3
PWM3
MUX
THERMAL CALIBRATION
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
THERMAL CALIBRATION
100%
0%
TMIN
TRANGE
PWM
MIN
PWM
MIN
PWM
MIN
100%
PWM
GENERATOR
PWM
GENERATOR
TACHOMETER 3
AND 4
MEASUREMENT
TACHOMETER 1
MEASUREMENT
TACHOMETER 2
MEASUREMENT
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
RAMP
CONTROL
(ACOUSTIC
ENHANCEMENT)
PWM
GENERATOR
PWM
CONFIG
PWM
CONFIG
PWM
CONFIG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com