Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 17 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 17 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 67 page
background image
ADT7476
http://onsemi.com
17
Table 6. Twos Complement Temperature Data Format
Temperature
Digital Output (10−Bit) (Note 1)
–128°C
1000 0000 00 (diode fault)
–50°C
1100 1110 00
–25°C
1110 0111 00
–10°C
1111 0110 00
0°C
0000 0000 00
+10.25°C
0000 1010 01
+25.5°C
0001 1001 10
+50.75°C
0011 0010 11
+75°C
0100 1011 00
+100°C
0110 0100 00
+125°C
0111 1101 00
+127°C
0111 1111 00
1. Bold numbers denote 2 LSB of measurement in the Extended
Resolution Register 2 (0x77) with 0.25°C resolution.
Remote Temperature Measurement
The ADT7476 can measure the temperature of two remote
diode sensors or diode−connected transistors connected to
Pin 17 and Pin 18, or Pin 15 and Pin 16.
The forward voltage of a diode or diode−connected
transistor operated at a constant current exhibits a negative
temperature coefficient of about –2 mV/
°C. Unfortunately,
the absolute value of VBE varies from device to device, and
individual calibration is required to null this out. As a result,
this technique is unsuitable for mass production. The
technique used in the ADT7476 is to measure the change in
VBE when the device is operated at two different currents.
Table 7. Extended Range, Temperature Data Format
Temperature
Digital Output (10−Bit) (Note 1)
–64°C
0000 0000 00 (diode fault)
–1°C
0011 1111 00
0°C
0100 0000 00
1°C
0100 0001 00
10°C
0100 1010 00
25°C
0101 1001 00
50°C
0111 0010 00
75°C
1000 1001 00
100°C
1010 0100 00
125°C
1011 1101 00
191°C
1111 1111 00
1. Bold numbers denote 2 LSB of measurement in the Extended
Resolution Register 2 (0x77) with 0.25°C resolution.
This is given by:
(eq. 1)
DVBE +
KT
q
In(N)
where:
k is the Boltzmann’s constant.
q is the charge on the carrier.
T is the absolute temperature in Kelvin.
N is the ratio of the two currents.
Figure 25 shows the input signal conditioning used to
measure the output of a remote temperature sensor. This figure
shows the external sensor as a substrate transistor, which is
provided on some microprocessors for temperature monitoring.
It could also be a discrete transistor such as a 2N3904/2N3906.
Figure 25. Signal Conditioning for Remote Diode Temperture Senors
D+
BIAS
DIODE
VDD
TO ADC
VOUT+
VOUT–
REMOTE
SENSING
TRANSISTOR
D–
THERMDA
THERMDC
I
N
× I IBIAS
LOW−PASS FILTER
fC = 65kHz
CPU
If a discrete transistor is used, the collector is not grounded
and is linked to the base. If a PNP transistor is used, the base
is connected to the D– input and the emitter to the D+ input. If
an NPN transistor is used, the emitter is connected to the D–
input and the base to the D+ input. Figure 26 and Figure 27
show how to connect the ADT7476 to an NPN or PNP
transistor for temperature measurement. To prevent ground
noise from interfering with the measurement, the more
negative terminal of the sensor is not referenced to ground, but
is biased above ground by an internal diode at the D– input.
Figure 26. Measuring Temperature Using an
NPN Transistor
2N3904
NPN
ADT7476
D+
D–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com