Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 5 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 5 Page - ON Semiconductor

  ADT7476ARQZ-R7 Datasheet HTML 1Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 2Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 3Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 4Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 5Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 6Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 7Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 8Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
ADT7476
http://onsemi.com
5
ELECTRICAL CHARACTERISTICS TA = TMIN to TMAX, VCC = VMIN to VMAX, unless otherwise noted. (Note 1)
Parameter
Unit
Max
Typ
Min
Conditions
Digital Input Logic Levels (THERM) ADTL+
Input High Voltage, VIH
0.75 x VCCP
V
Input Low Voltage, VIL
0.8
V
Digital Input Current
Input High Current, IIH
VIN = VCC
±1
mA
Input Low Current, IIL
VIN = 0 V
±1
mA
Input Capacitance, CIN
5.0
pF
Serial Bus Timing
(See Figure 2)
Clock Frequency, fSCLK
10
400
kHz
Glitch Immunity, tSW
50
ns
Bus Free Time, tBUF
4.7
ms
SCL Low Time, tLOW
4.7
ms
SCL High Time, tHIGH
4.0
50
ms
SCL, SDA Rise Time, tr
1000
ns
SCL, SDA Fall Time, tf
300
ms
Data Setup Time, tSU;DAT
250
ns
Detect Clock Low Timeout, tTIMEOUT
Can be optionally disabled
15
35
ms
1. All voltages are measured with respect to GND, unless otherwise specified. Typical voltages are TA = 25°C and represent a parametric norm.
Logic inputs accept input high voltages up to VMAX, even when the device is operating down to VMIN. Timing specifications are tested at logic
levels of VIL = 0.8 V for a falling edge, and VIH = 2.0 V for a rising edge.
2. SMBus timing specifications are guaranteed by design and are not production tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com