Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 13 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 13 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 9Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 10Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 11Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 12Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 13Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 14Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 15Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 16Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 17Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
ADT7476
http://onsemi.com
13
2. The master initiates a read operation and sends the
alert response address (ARA = 0001 100). This is
a general call address that must not be used as a
specific device address.
3. The device whose SMBALERT output is low
responds to the alert response address, and the
master reads its device address. The address of this
device is now known and can be interrogated per
usual.
4. If more than one device’s SMBALERT output is
low, the one with the lowest device address has
priority in accordance with normal SMBus
arbitration.
5. Once the ADT7476 responds to the alert response
address, the master must read the status registers,
and SMBALERT is cleared only if the error
condition goes away.
SMBus Timeout
The ADT7476 includes an SMBus timeout feature. If
there is no SMBus activity for 35 ms, the ADT7476 assumes
the bus is locked and releases the bus. This prevents the
device from locking or holding the SMBus expecting data.
Some SMBus controllers cannot handle the SMBus timeout
feature, so if necessary, it can be disabled.
Configuration Register 1 (0x40)
[6] TODIS = 0, SMBus timeout enabled (default).
[6] TODIS = 1, SMBus timeout disabled.
Virus Protection
To prevent rogue programs or viruses from accessing
critical ADT7476 register settings, the lock bit can be set.
Setting Bit 1 of Configuration Register 1 (0x40) sets the lock
bit and locks critical registers. In this mode, certain registers
can no longer be written to until the ADT7476 is powered
down and powered up again. For more information on which
registers are locked see Table 14.
Voltage Measurement Input
The ADT7476 has four external voltage measurement
channels. It can also measure its own supply voltage, VCC.
Pin 20 to Pin 23 can measure 5.0 V, 12 V, and 2.5 V supplies,
and the processor core voltage VCCP (0 V to 3 V input). The
VCC supply voltage measurement is carried out through the
VCC pin (Pin 4). The 2.5 V input can be used to monitor a
chipset supply voltage in computer systems.
Analog−to−Digital Converter
All analog inputs are multiplexed into the on−chip,
successive−approximation, analog−to−digital converter,
which has a resolution of 10 bits. The basic input range is 0 V
to 2.25 V, but the inputs have built−in attenuators to allow
measurement of 2.5 V, 3.3 V, 5.0 V, 12 V, and the processor
core voltage VCCP without any external components. To
allow the tolerance of these supply voltages, the ADC
produces an output of 3/4 full scale (768 dec or 300 hex) for
the nominal input voltage, giving it adequate headroom to
cope with overvoltages.
Input Circuitry
The internal structure for the analog inputs is shown in
Figure 24 The input circuit consists of an input protection
diode, an attenuator, plus a capacitor to form a first−order
low−pass filter that gives input immunity to high frequency
noise.
Figure 24. Structure of Analog Inputs
VCCP
17.5kΩ
52.5kΩ
35pF
2.5VIN
45kΩ
94kΩ
30pF
VCC
68kΩ
71kΩ
30pF
5VIN
93kΩ
47kΩ
30pF
12VIN
120kΩ
20kΩ
30pF
MUX
Voltage Measurement Registers
Register 0x20, 2.5 V Reading = 0x00 default
Register 0x21, VCCP Reading = 0x00 default
Register 0x22, VCC Reading = 0x00 default
Register 0x23, 5.0 V Reading = 0x00 default
Register 0x24, 12 V Reading = 0x00 default
Voltage Limit Registers
Associated with each voltage measurement channel is a
high and low limit register. Exceeding the programmed high
or low limit causes the appropriate status bit to be set.
Exceeding either limit can also generate SMBALERT
interrupts.
Register 0x44, 2.5 V Low Limit = 0x00 default
Register 0x45, 2.5 V High Limit = 0xFF default
Register 0x46, VCCP Low Limit = 0x00 default
Register 0x47, VCCP High Limit = 0xFF default
Register 0x48, VCC Low Limit = 0x00 default
Register 0x49, VCC High Limit = 0xFF default
Register 0x4A, 5.0 V Low Limit = 0x00 default
Register 0x4B, 5.0 V High Limit = 0xFF default
Register 0x4C, 12 V Low Limit = 0x00 default
Register 0x4D, 12 V High Limit = 0xFF default
Table 5 shows the input ranges of the analog inputs and
output codes of the 10−bit ADC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com