Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 65 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 65 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 59Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 60Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 61Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 62Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 63Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 64Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 65Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 66Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 67Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 65 / 67 page
background image
ADT7476
http://onsemi.com
65
Table 51. Register 0x7C — Configuration Register 5 (Power−On Default = 0x01)
Bit No.
Mnemonic
R/W (Note 1)
Description
[0]
2sC
R/W
2sC = 1 sets the temperature range to the twos complement temperature range.
2sC = 0 changes the temperature range to the Offset 64 temperature range. When this bit is
changed, the ADT7476 interprets all relevant temperature register values as defined by this bit.
[1]
Temp Offset
R/W
TempOffset = 0 sets offset range to −63°C to +64°C with 0.5°C resolution.
TempOffset = 1 sets offset range to −63°C to +127°C with 1°C resolution. These settings
apply to Remote 1, Local, and Remote2 temperature offset registers (0x70, 0x71, and 0x72).
[2]
GPIO6D
R/W
GPIO6 direction. When GPIO6 function is enabled, this determines whether GPIO6 is an
input (0) or an output (1).
[3]
GPIO6P
R/W
GPIO6 polarity. When the GPIO6 function is enabled and is programmed as an output, this
bit determines whether the GPIO6 is active low (0) or high (1).
[4]
VID/GPIO
R/W
VID/GPIO = 0 enables VID functionality on Pin 5, Pin 6, Pin 7, Pin 8, and Pin 19.
VID/GPIO = 1 enables GPIO functionality on Pin 5, Pin 6, Pin 7, Pin 8, and Pin 19.
[5]
R1 THERM
R/W
R1 THERM = 1 enables THERM temperature limit functionality for Remote 1 temperature
channel; that is, THERM is bidirectional.
R1 THERM = 0 indicates THERM is a timer input only. THERM can also be disabled on any
channel by:
Writing −64°C to the appropriate THERM temperature limit in Offset 64 mode.
Writing −128°C to the appropriate THERM temperature limit in twos complement mode.
[6]
Local
THERM
R/W
Local THERM = 1 enables THERM temperature limit functionality for local temperature
channel; that is, THERM is bidirectional.
Local THERM = 0 indicates THERM is a timer input only. THERM can also be disabled on
any channel by:
Writing −64°C to the appropriate THERM temperature limit in Offset 64 mode.
Writing −128°C to the appropriate THERM temperature limit in twos complement mode.
[7]
R2 THERM
R/W
R2 THERM = 1 enables THERM temperature limit functionality for Remote 2 temperature
channel; that is, THERM is bidirectional.
R2 THERM = 0 indicates THERM is a timer input only.THERM can also be disabled on any
channel by:
Writing −64°C to the appropriate THERM temperature limit in Offset 64 mode.
Writing −128°C to the appropriate THERM temperature limit in twos complement mode.
1. This register becomes read−only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.
Table 52. Register 0x7D — Configuration Register 4 (Power−On Default = 0x00)
Bit No.
Mnemonic
R/W (Note 1)
Description
[1:0]
PIN14FUNC
R/W
These bits set the functionality of Pin 14.
00 = TACH4 (default)
01 = THERM
10 = SMBALERT
11 = GPIO
[2]
THERM
Disable
R/W
THERM Disable = 0 enables THERM overtemperature output assuming THERM is correctly
configured (Registers 0x78, 0x7C, and 0x7D).
THERM Disable = 1 disables THERM overtemperature output on all channels.
THERM can also be disabled on any channel by:
Writing −64°C to the appropriate THERM temperature limit in Offset 64 mode.
Writing −128°C to the appropriate THERM temperature limit in twos complement mode.
[3]
MaxSpeed
THERM
R/W
MaxSpeed on THERM = 0 indicates that fans go to full speed when THERM temperature
limit is exceeded.
MaxSpeed on THERM = 1 indicates that fans go to max speed (0x38, 0x39, 0x3A) when
THERM temperature limit is exceeded.
[4]
BpAtt 2.5 V
R/W
Bypass 2.5V attenuator. When set, the measurement scale for this channel changes from
0 V (0x00) to 2.25 V (0xFF).
[5]
BpAtt VCCP
R/W
Bypass VCCP attenuator. When set, the measurement scale for this channel changes from
0 V (0x00) to 2.25 V (0xFF).
[6]
BpAtt 5.0 V
R/W
Bypass 5.0 V attenuator. When set, the measurement scale for this channel changes from
0 V (0x00) to 2.25 V (0xFF).
[7]
BpAtt 12 V
R/W
Bypass 12 V attenuator. When set, the measurement scale for this channel changes
from 0 V (0x00) to 2.25 V (0xFF).
1. This register becomes read−only when the Configuration Register 1 lock bit is set to 1. Any further attempts to write to this register have no effect.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com