Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADT7476ARQZ-R7 Datasheet(PDF) 22 Page - ON Semiconductor

Part # ADT7476ARQZ-R7
Description  dBCOOL Remote Thermal Controller and Voltage Monitor
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADT7476ARQZ-R7 Datasheet(HTML) 22 Page - ON Semiconductor

Back Button ADT7476ARQZ-R7 Datasheet HTML 18Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 19Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 20Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 21Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 22Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 23Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 24Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 25Page - ON Semiconductor ADT7476ARQZ-R7 Datasheet HTML 26Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 67 page
background image
ADT7476
http://onsemi.com
22
Bit 5 (F4P) = 1, indicates Fan 4 has dropped below minimum
speed. Alternatively, indicates that the THERM limit has
been exceeded, if the THERM function is used.
Alternatively, indicates the status of GPIO6.
Bit 4 (FAN3) = 1, indicates Fan 3 has dropped below
minimum speed.
Bit 3 (FAN2) = 1, indicates Fan 2 has dropped below minimum
speed.
Bit 2 (FAN1) = 1, indicates Fan 1 has dropped below minimum
speed.
Bit 1 (OVT) = 1, indicates a THERM overtemperature limit
has been exceeded.
Bit 0 (12 V/VC) = 1, indicates a 12 V high or low limit has
been exceeded. If the VID code change function is used, this
bit indicates a change in VID code on the VID0 to VID4
inputs.
SMBALERT Interrupt Behavior
The ADT7476 can be polled for status, or an SMBALERT
interrupt can be generated for out−of−limit conditions. It is
important to note how the SMBALERT output and status
bits behave when writing interrupt handler software.
Figure 29. SMBALERT and Status Bit Behavior
STICKY
STATUS BIT
HIGH LIMIT
TEMPERATURE
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
SMBALERT
Figure 29 shows how the SMBALERT output and sticky
status bits behave. Once a limit is exceeded, the
corresponding status bit is set to 1. The status bit remains set
until the error condition subsides and the status register is
read. The status bits are referred to as sticky because they
remain set until read by software. This ensures that an
out−of−limit event cannot be missed if the software is
periodically polling the device.
Note that:
• The SMBALERT output remains low for the entire
duration that a reading is out−of−limit and until the
status register has been read. This has implications on
how software handles the interrupt.
• THERM overtemperature events are not sticky. They
reset immediately after the overtemperature condition
ceases.
Handling SMBALERT Interrupts
To prevent the system from being tied up servicing
interrupts, it is recommend to handle the SMBALERT
interrupt as follows:
1. Detect the SMBALERT assertion.
2. Enter the interrupt handler.
3. Read the status registers to identify the interrupt
source.
4. Mask the interrupt source by setting the
appropriate mask bit in the interrupt mask registers
(0x74 and 0x75).
5. Take the appropriate action for a given interrupt
source.
6. Exit the interrupt handler.
7. Periodically poll the status registers. If the
interrupt status bit has cleared, reset the
corresponding interrupt mask bit to 0. This causes
the SMBALERT output and status bits to behave
as shown in Figure 30.
Masking Interrupt Sources
Interrupt Mask Register 1 (0x74) and Interrupt Mask
Register 2 (0x75) allow individual interrupt sources to be
masked to prevent SMBALERT interrupts. Note: Masking
an interrupt source prevents only the SMBALERT output
from being asserted; the appropriate status bit is set
normally.
Figure 30. How Masking the Interrupt Source Affects
SMBALERT Output
STICKY
STATUS BIT
HIGH LIMIT
TEMPERATURE
CLEARED ON READ
(TEMP BELOW LIMIT)
TEMP BACK IN LIMIT
(STATUS BIT STAYS SET)
INTERRUPT
MASK BIT SET
SMBALERT
INTERRUPT MASK BIT
CLEARED
(SMBALERT REARMED)
Interrupt Mask Register 1 (0x74)
Bit 7 (OOL) = 1, masks SMBALERT for any alert condition
flagged in Interrupt Status Register 2.
Bit 6 (R2T) = 1, masks SMBALERT for Remote 2 temperature.
Bit 5 (LT) = 1, masks SMBALERT for local temperature.
Bit 4 (R1T) = 1, masks SMBALERT for Remote 1 temperature.
Bit 3 (5.0 V) = 1, masks SMBALERT for 5.0 V channel.
Bit 2 (VCC) = 1, masks SMBALERT for VCC channel.
Bit 1 (VCCP) = 1, masks SMBALERT for VCCP channel.
Bit 0 (2.5 V) = 1, masks SMBALERT for 2.5 VIN/ THERM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com