Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 30 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 30 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 26Page - Motorola, Inc 68HC05CL16 Datasheet HTML 27Page - Motorola, Inc 68HC05CL16 Datasheet HTML 28Page - Motorola, Inc 68HC05CL16 Datasheet HTML 29Page - Motorola, Inc 68HC05CL16 Datasheet HTML 30Page - Motorola, Inc 68HC05CL16 Datasheet HTML 31Page - Motorola, Inc 68HC05CL16 Datasheet HTML 32Page - Motorola, Inc 68HC05CL16 Datasheet HTML 33Page - Motorola, Inc 68HC05CL16 Datasheet HTML 34Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
CPU
MC68HC05CL48
3-2
REV 2.0
or non-arithmetic operations. The accumulator is unaffected by a reset of the
device.
3.1.2 Index Register (X)
The index register shown in Figure 3-1 is an 8-bit register that can perform two
functions:
•
Indexed addressing
•
Temporary storage
In indexed addressing with no offset, the index register contains the low byte of
the operand address, and the high byte is assumed to be $00. In indexed
addressing with an 8-bit offset, the CPU finds the operand address by adding the
index register contents to an 8-bit immediate value. In indexed addressing with a
16-bit offset, the CPU finds the operand address by adding the index register
contents to a 16-bit immediate value
The index register can also serve as an auxiliary accumulator for temporary
storage.The index register is unaffected by a reset of the device.
3.1.3 Stack Pointer (SP)
The stack pointer shown in Figure 3-1 is a 16-bit register internally. In devices
with memory maps less than 64 kbytes the unimplemented upper address lines
are ignored. The stack pointer contains the address of the next free location on
the stack. During a reset or the reset stack pointer (RSP) instruction, the stack
pointer is set to $00FF. The stack pointer is then decremented as data is pushed
onto the stack and incremented as data is pulled from the stack.
When accessing memory, the ten most significant bits are permanently set to
0000000011. The six least significant register bits are appended to these ten fixed
bits to produce an address within the range of $00FF to $00C0. Subroutines and
interrupts may use up to 64 ($40) locations. If 64 locations are exceeded, the
stack pointer wraps around and writes over the previously stored information. A
subroutine call occupies two locations on the stack, and an interrupt uses five
locations.
3.1.4 Program Counter (PC)
The program counter shown in Figure 3-1 is a 16-bit register internally. In devices
with memory maps less than 64 Kbytes the unimplemented upper address lines
are ignored. The program counter contains the address of the next instruction or
operand to be fetched.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com