Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 64 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 64 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 60Page - Motorola, Inc 68HC05CL16 Datasheet HTML 61Page - Motorola, Inc 68HC05CL16 Datasheet HTML 62Page - Motorola, Inc 68HC05CL16 Datasheet HTML 63Page - Motorola, Inc 68HC05CL16 Datasheet HTML 64Page - Motorola, Inc 68HC05CL16 Datasheet HTML 65Page - Motorola, Inc 68HC05CL16 Datasheet HTML 66Page - Motorola, Inc 68HC05CL16 Datasheet HTML 67Page - Motorola, Inc 68HC05CL16 Datasheet HTML 68Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
TIMER
MC68HC05CL48
8-12
REV 2.0
IC1IE - Input Capture 1 Interrupt Enable
1 =
Interrupt enabled
0 =
Interrupt disabled
IC2IE - Input Capture 2 Interrupt Enable
1 =
Interrupt enabled
0 =
Interrupt disabled
OC1IE - Output Compare 1 Interrupt Enable
1 =
Interrupt enabled
0 =
Interrupt disabled
OC2IE - Output Compare 2 Interrupt Enable
1 =
Interrupt enabled
0 =
Interrupt disabled
TOIE - Timer Overflow Interrupt Enable
1 =
Interrupt enabled
0 =
Interrupt disabled
IEDG2 - Input Edge 2
Value of the input edge determines which level transition on TCAP2 pin will
trigger a free running counter transfer to the input capture register. Reset does
not affect the IEDG2 bit.
1 =
positive edge
0 =
negative edge
IEDG1 - Input Edge
Value of the input edge determines which level transition on TCAP1 pin will
trigger a free running counter transfer to the input capture register. Reset does
not affect the IEDG1 bit.
1 =
positive edge
0 =
negative edge
8.1.5 Timer Status Register (TSR)
The timer status register is a read-only register and is illustrated below followed by
a definition of each bit. Refer to timing diagrams shown in Figure 8-3, Figure 8-2
and Figure 8-4 for timing relationship to the timer status register bits.
76543210
TSR
$0012
READ
IC1F
IC2F
OC1F
OC2F
TOF
WRITE
RESET
UUUUUUU
0
U = UNAFFECTED



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com