Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 83 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 83 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 79Page - Motorola, Inc 68HC05CL16 Datasheet HTML 80Page - Motorola, Inc 68HC05CL16 Datasheet HTML 81Page - Motorola, Inc 68HC05CL16 Datasheet HTML 82Page - Motorola, Inc 68HC05CL16 Datasheet HTML 83Page - Motorola, Inc 68HC05CL16 Datasheet HTML 84Page - Motorola, Inc 68HC05CL16 Datasheet HTML 85Page - Motorola, Inc 68HC05CL16 Datasheet HTML 86Page - Motorola, Inc 68HC05CL16 Datasheet HTML 87Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 145 page
background image
June 6, 1997
GENERAL RELEASE SPECIFICATION
MC68HC05CL48
ANALOG TO DIGITAL CONVERTER
MOTOROLA
REV 2.0
10-3
10.4.3 ADON - A/D On
When the A/D is turned on (ADON = 1), it requires a time t
ADON for the current sources to
stabilize, and results can be inaccurate during this time. This bit turns on the charge pump.
If the ADRC is set, clearing this bit disables the RC oscillator to save power.
10.4.4 CH2:CH0 - Channel Select Bits
CH2, CH1, and CH0 form a 3-bit field which is used to select one of eight A/D channels.
Channels 0-3 correspond to the analog input pins: ATD(3:0) in the MCU. Channels 4-7
are used for internal reference points. The following table shows the signals selected by
the channel select field.
10.5
A/D DATA REGISTER (ADDR)
One 8-bit result register is provided. This register is updated each time COCO is set
10.6
A/D DURING WAIT MODE
The A/D continues normal operation during WAIT mode. To decrease power consumption
during WAIT, it is recommended that both the ADON and ADRC bits in the A/D Status and
Control Register be cleared if the A/D converter is not being used. If the A/D converter is
in use and the system clock rate is above 1.0 MHz, it is recommended that the ADRC bit
be cleared.
CHANNEL
SIGNAL
0
ATD0 pin
1
ATD1 pin
2
ATD2/PTC[4] pin
3
ATD3/PTC[5] pin
4VRH
5VRL
6(VRH - VRL)/4
7(VRH - VRL)/2
Table 10-1. A/D Channel Assignments
76543210
ADDR
$0025
READ
ADDR7
ADDR6
ADDR5
ADDR4
ADDR3
ADDR2
ADDR1
ADDR0
WRITE
RESET
UUUUUUUU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com