Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 74 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 74 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 70Page - Motorola, Inc 68HC05CL16 Datasheet HTML 71Page - Motorola, Inc 68HC05CL16 Datasheet HTML 72Page - Motorola, Inc 68HC05CL16 Datasheet HTML 73Page - Motorola, Inc 68HC05CL16 Datasheet HTML 74Page - Motorola, Inc 68HC05CL16 Datasheet HTML 75Page - Motorola, Inc 68HC05CL16 Datasheet HTML 76Page - Motorola, Inc 68HC05CL16 Datasheet HTML 77Page - Motorola, Inc 68HC05CL16 Datasheet HTML 78Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
SERIAL PERIPHERAL INTERFACE
MC68HC05CL48
9-2
REV 2.0
9.1.2 MOSI Serial Data In (Input)
9.1.2.1
Slave Mode
MOSI is the signal used to receive data from some Master device. Figure 9-1
shows the serial clock and data timing relationship.
It should be noted that when a Master device transmits data to a second device
via the MOSI line, the slave device (if it has the capability) will respond by sending
data into the MISO pin of the master device. This implies full duplex transmission
with both data-out and data-in synchronized to the same clock signal which is
provided by the master. Moreover, the SAME shift register is used for data out and
data in. Thus, the byte transmitted is replaced by the byte received, removing the
need for separate status bits for XMIT EMPTY and REC FULL. A single status bit,
SPIF, is used to signify IO operation complete.
9.1.2.2
Master Mode
As noted above, the function of MOSI and MISO are inverted in the master mode.
The MOSI pin becomes the data output pin when the device is in the master
mode. When a transfer of data is not taking place with a Slave device the Master
drives the MOSI line high. The Master always allows the data onto the MOSI pin a
half-cycle before the clock edge (SCK) needed for the Slave to latch the data
internally.
9.1.3 SCK Serial Clock (In/Out)
9.1.3.1
Slave Mode
The serial clock is used to move data both in and out of the device through its
MOSI and MISO pins. The Master and Slave device are capable of exchanging a
byte of information during a sequence of eight clock pulses if wired to do so. In the
slave mode, the SCK pin becomes an input for the external clock being sent from
the Master device. In this case SCK is asynchronous to the Slave device’s phase
1-2 clocks and read/write control, therefore synchronization must take place prior
to transmission and after reception. This must be done on the byte level. The type
of clock and its’ relationship with the data is controlled by bits CPOL and CPHA.
Reference Figure 9-1. The clock rate control bits SPR1 and SPR0 have no
function while the part is in the Slave mode.
9.1.3.2
Master Mode
In this mode, the clock is generated within the Master device by a circuit driven



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com