Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

68HC05CL16 Datasheet(PDF) 72 Page - Motorola, Inc

Part # 68HC05CL16
Description  SPECIFICATION (General Release)
PDF  145 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

68HC05CL16 Datasheet(HTML) 72 Page - Motorola, Inc

Back Button 68HC05CL16 Datasheet HTML 68Page - Motorola, Inc 68HC05CL16 Datasheet HTML 69Page - Motorola, Inc 68HC05CL16 Datasheet HTML 70Page - Motorola, Inc 68HC05CL16 Datasheet HTML 71Page - Motorola, Inc 68HC05CL16 Datasheet HTML 72Page - Motorola, Inc 68HC05CL16 Datasheet HTML 73Page - Motorola, Inc 68HC05CL16 Datasheet HTML 74Page - Motorola, Inc 68HC05CL16 Datasheet HTML 75Page - Motorola, Inc 68HC05CL16 Datasheet HTML 76Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 145 page
background image
GENERAL RELEASE SPECIFICATION
June 11, 1997
MOTOROLA
TIMER
MC68HC05CL48
8-20
REV 2.0
Figure 8-7. ONE Second Watch Timer
8.3.1 Watch Timer Control & Status Register (WTCSR)
WTOFF
1 =
Disable Watch Timer
0 =
Enable Watch Timer
WTR
Writing a ‘1’ to this bit will generate a reset pulse to reset the Watch Timer.
Reading this bit will always return a ‘0’.
WTOIE
1 =
Enable 1 second interrupt.
0 =
Disable 1 second interrupt.
WTOF
1 =
Flag set by transition of the 15-bit free running counter from $7FFF
to $0000
0 =
Flag cleared by writing a 0 to the WTOF bit.
7654
3
210
WTCSR
$0023
READ
WTOFF
0
WTOIE
WTOF
WRITE
WTR
RESET
----
0
0
0
0
U = UNAFFECTED
15-bit
Free Running
Counter
32kHz
External Clock
WTOIE
WRT
WTOFF
WTOF
RESET
OFF
1 second overflow
WTimer Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com